Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1531 Datasheet(PDF) 20 Page - ams AG

Part # AS1531
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1531 Datasheet(HTML) 20 Page - ams AG

Back Button AS1531 Datasheet HTML 16Page - ams AG AS1531 Datasheet HTML 17Page - ams AG AS1531 Datasheet HTML 18Page - ams AG AS1531 Datasheet HTML 19Page - ams AG AS1531 Datasheet HTML 20Page - ams AG AS1531 Datasheet HTML 21Page - ams AG AS1531 Datasheet HTML 22Page - ams AG AS1531 Datasheet HTML 23Page - ams AG AS1531 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
www.austriamicrosystems.com
Revision 0.96
20 - 29
AS1530, AS1531
austriamicrosystems
Data Sheet
Power Modes
Reduced Power Mode
Reduced power mode is activated using bits PD1 and PD0 (see Table 12). When reduced power mode is asserted, the
AS1530/AS1531 completes any conversion in progress and enters reduced power mode.
The next start of conversion puts the AS1530/AS1531 into normal operation mode. The 8-bit control byte shifted into
the control register determines the next power mode. For example, if the 8-bit control byte contains PD1 = 0 and PD0
= 1, reduced power down mode starts immediately after the conversion (see Figure 28).
The reduced-power mode achieves the lowest power consumption at speeds close to the maximum sample rate.
Figure 29 shows the AS1531 power consumption in reduced-power mode and normal operating mode (see Table 12
on page 19) with the internal reference and maximum clock speed.
Figure 28. Reduced-Power Mode Timing Waveforms (AS1531)
Note:
The clock speed in reduced-power mode should be limited to 4.8MHz. Full power-down mode may provide
increased power savings in applications where the devices are inactive for long periods of time, where intermit-
tent bursts of high-speed conversions are required.
Figure 29. Normal Operation and Reduced Power Down using Internal Reference (AS1531)
Full Power-Down Mode
Full power-down is activated using bits PD1 and PD0 (see Table 12). Full power-down mode offers the lowest power
consumption at up to 1000 conversions per-channel per-second. When full power-down is asserted, the AS1530/
AS1531 completes any conversion in progress and powers down into specified low-quiescent current state.
The start of the next conversion puts the AS1530/AS1531 into normal operation mode. The 8-bit control byte shifted
into the control register determines the next power mode. For example, if the 8-bit control byte contains PD1 = 0 and
PD0 = 0, full power-down mode starts immediately after the conversion (see Figure 30 on page 21)
DIN
1
VDD1+VDD2
+VDD3
11
1
1
1
00
0
Reduced-
Power
Reduced-
Power
Reduced-
Power
2.50V (Always On)
2.2mA
2.2mA
2.2mA
0.4mA
0.4mA
0.4mA
REF
Normal Mode
Conversion
Reduced
Power Down
Normal Mode
Conversion
Reduced
Power Down
Normal Mode
Conversion
Reduced
Power Down
0
500
1000
1500
2000
2500
3000
0.001
0.1
10
1000
Sampling Rate (ksps)
Reduced Power Mode
Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com