Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT1-FP Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # IPT1-FP
Description  Read/write head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IPT1-FP Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  IPT1-FP Datasheet HTML 1Page - Pepperl+Fuchs Inc. IPT1-FP Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Indicators/operating means
LED green
Power on
LED yellow
IPC detected
LED red
bus fault (when using fieldbus interfaces)
Electrical specifications
Rated operating voltage
Ue
20 ... 30 V DC , ripple 10 %SS , PELV
Power consumption
P0
max. 5 W , in connection with the base
Galvanic isolation
Operating voltage/interface
functional insulation acc. to DIN EN 50178, rated insulation voltage 50 Veff
Mag. Field strength
< 27.3 dBµA/m at 10 m
Interface
Physical
Interface type depends on base used
Approvals and certificates
EAC conformity
TR CU 020/2011
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Degree of protection
IP67 according to EN 60529, with base
Material
Housing
PBT
Matching System Components
U-P3-RX
Base with serial interfaces RS 232 and RS 485
U-P3-R4
Base with addressable serial Interface RS 485
U-P3-R4-V15
Base with addressable serial Interface RS 485
U-P6-B5
Base for INTERBUS
U-P6-B5-V
Base for INTERBUS, plug-in connection
U-P6-B6
Base for PROFIBUS DP
U-P6-B6-V15B
Base for PROFIBUS DP, plug-in connection
U-P6V4A-B6
Base for PROFIBUS DP, stainless steel version
U-P3V4A-RX
Base with serial interfaces RS 232 and RS 485, stainless steel version V4A
Read/write station
IPT1-FP
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com