Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1893AGI Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # 1893AGI
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

1893AGI Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button 1893AGI Datasheet HTML 3Page - Integrated Circuit Systems 1893AGI Datasheet HTML 4Page - Integrated Circuit Systems 1893AGI Datasheet HTML 5Page - Integrated Circuit Systems 1893AGI Datasheet HTML 6Page - Integrated Circuit Systems 1893AGI Datasheet HTML 7Page - Integrated Circuit Systems 1893AGI Datasheet HTML 8Page - Integrated Circuit Systems 1893AGI Datasheet HTML 9Page - Integrated Circuit Systems 1893AGI Datasheet HTML 10Page - Integrated Circuit Systems 1893AGI Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 135 page
background image
Table of Contents
ICS1893AG, Rev. A 04/14/05
April, 2005
7
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
Table of Contents
Section
Title
Page
8.14
Register 19: Extended Control Register 2 .............................................................96
8.14.1
Node/Repeater Configuration (bit 19.15) ...............................................................97
8.14.2
Hardware/Software Priority Status (bit 19.14) ........................................................97
8.14.3
Remote Fault (bit 19.13) ........................................................................................97
8.14.4
ICS Reserved (bits 19.12:8) ...................................................................................97
8.14.5
Twisted Pair Tri-State Enable, TPTRI (bit 19.7) .....................................................97
8.14.6
ICS Reserved (bits 19.6:1) .....................................................................................97
8.14.7
Automatic 100Base-TX Power-Down (bit 19.0) .....................................................97
Chapter 9
Pin Diagram, Listings, and Descriptions ....................................................................... 98
9.1
ICS1893AG Pin Diagram .......................................................................................98
9.2
ICS1893AG Pin Descriptions .................................................................................99
9.2.1
Transformer Interface Pins ...................................................................................100
9.2.2
Multi-Function (Multiplexed) Pins: PHY Address and LED Pins ...........................101
9.2.3
Configuration Pins.................................................................................................104
9.2.4
MAC Interface Pins ...............................................................................................105
9.2.5
Ground and Power Pins........................................................................................109
Chapter 10
DC and AC Operating Conditions............................................................................... 110
10.1
Absolute Maximum Ratings .................................................................................110
10.2
Recommended Operating Conditions ..................................................................110
10.3
Recommended Component Values .....................................................................111
10.4
DC Operating Characteristics ..............................................................................112
10.4.1
DC Operating Characteristics for Supply Current ................................................112
10.4.2
DC Operating Characteristics for TTL Inputs and Outputs ..................................112
10.4.3
DC Operating Characteristics for REF_IN ...........................................................113
10.4.4
DC Operating Characteristics for Media Independent Interface ..........................113
10.5
Timing Diagrams ..................................................................................................114
10.5.1
Timing for Clock Reference In (REF_IN) Pin .......................................................114
10.5.2
Timing for Transmit Clock (TXCLK) Pins .............................................................115
10.5.3
Timing for Receive Clock (RXCLK) Pins ..............................................................116
10.5.4
100M MII: Synchronous Transmit Timing .............................................................117
10.5.5
10M MII: Synchronous Transmit Timing ..............................................................118
10.5.6
100M/MII Media Independent Interface: Synchronous Receive Timing ...............119
10.5.7
MII Management Interface Timing .......................................................................120
10.5.8
10M Media Independent Interface: Receive Latency ...........................................121
10.5.9
10M Media Independent Interface: Transmit Latency...........................................122
10.5.10
100M/MII Media Independent Interface: Transmit Latency...................................123
10.5.11
100M MII: Carrier Assertion/De-Assertion (Half-Duplex Transmission)................124
10.5.12
10M MII: Carrier Assertion/De-Assertion (Half-Duplex Transmission)..................125
10.5.13
100M MII Media Independent Interface: Receive Latency....................................126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com