Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1012521 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1012521
Description  Housing - HC-COM-CHWS-1TGM25-PL-BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1012521 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1012521 Datasheet HTML 1Page - PHOENIX CONTACT 1012521 Datasheet HTML 2Page - PHOENIX CONTACT 1012521 Datasheet HTML 3Page - PHOENIX CONTACT 1012521 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1012521
09/13/2021   Page 1 / 4
Housing - HC-COM-CHWS-1TGM25-PL-BK - 1012521
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Coupling housings COM, with single locking latch, material: PA, cable outlets: 1, straight, height: 68 mm, cable
gland: with, support sleeve: no, 1x M25, Standard
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626488943
Weight per Piece (excluding packing)
60.000 g
Custom tariff number
85389099
Country of origin
China
Technical data
Dimensions
Height
68 mm
External cable diameter
10 mm ... 16 mm
Ambient conditions
Degree of protection (IP)
IP66
Ambient temperature (operation)
-40 °C ... 125 °C
General
Size
COM
Housing type
Coupling housings
Color
black
Locking type
with single locking latch


Similar Part No. - 1012521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1012520 PHOENIX-1012520 Datasheet
226Kb / 4P
Housing - HC-COM-HHFS-1TGM25-PL-BK
More results

Similar Description - 1012521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404227 PHOENIX-1404227 Datasheet
71Kb / 5P
Housing - HC-ADV-B10-HHWH-1TGM25-PL
1411338 PHOENIX-1411338 Datasheet
57Kb / 3P
Housing - HC-EVO-D15-CHWS-PL-BK
1419256 PHOENIX-1419256 Datasheet
68Kb / 3P
Housing - HC-STA-D07-HHFS-1TGM25-PL-BK
1419264 PHOENIX-1419264 Datasheet
71Kb / 3P
Housing - HC-STA-D07-CHWSCM-1TGM25-PL-BK
1012433 PHOENIX-1012433 Datasheet
460Kb / 5P
Housing - HC-COM-BAWS-PL-BK
1012520 PHOENIX-1012520 Datasheet
226Kb / 4P
Housing - HC-COM-HHFS-1TGM25-PL-BK
1012538 PHOENIX-1012538 Datasheet
1Mb / 5P
Housing - HC-COM-BWS-PL-BK
1079393 PHOENIX-1079393 Datasheet
369Kb / 5P
Housing - HC-COM-SHOWS-1SGM25-PL-BK
1012581 PHOENIX-1012581 Datasheet
400Kb / 4P
Housing - HC-COM-HHFS-1SGM25-PL-BK
1419260 PHOENIX-1419260 Datasheet
305Kb / 8P
Housing - HC-STA-D07-CHWS-1TGM25-PL-BK
Jul 29, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com