Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2821 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2821
Description  ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2821 Datasheet(HTML) 4 Page - New Japan Radio

  NJM2821 Datasheet HTML 1Page - New Japan Radio NJM2821 Datasheet HTML 2Page - New Japan Radio NJM2821 Datasheet HTML 3Page - New Japan Radio NJM2821 Datasheet HTML 4Page - New Japan Radio NJM2821 Datasheet HTML 5Page - New Japan Radio NJM2821 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NJM2820, NJM2821, NJM2822
- 4 -
■TYPICAL CHARACTERISTICS
Dynamic Impedance
(IK=0.5~30mA,VKA=VREF,Ta=25°C)
0
0.2
0.4
0.6
0.8
1
1.2
1
10
100
1k
10k
100k
Cathode Current Frequency f (Hz)
Reference Voltage vs. Cathode Current
(VKA=VREF,Ta=25°C)
1240
1245
1250
1255
1260
010
20
30
Cathode Current IK (mA)
Reference Voltage vs. Cathode Current
(VKA=VREF,Ta=25°C)
600
800
1000
1200
1400
0
2040
6080
100
Cathode Current IK (uA)
Reference Voltage Change vs. Cathode Voltage
(IK=1mA,R1=Variable,R2=10kΩ,Ta=25°C)
0
1
2
3
4
0
5
10
15
Cathode Voltage VKA (V)
Cathode Current (Off Cond.) vs. Cathode Voltage
(VREF=0V,Ta=25°C)
0
0.2
0.4
0.6
0.8
1
0
5
10
15
Cathode Voltage VKA (V)
Voltage Gain · Phase vs. Frequency
(Fig.4 Test Circuit,Ta=25°C)
-80
-60
-40
-20
0
20
40
60
80
100
1k
10k
100k
1M
10M
Frequency f (Hz)
-360
-270
-180
-90
0
90
180
270
360
Gain
Phase



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com