Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-2ABCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9517-2ABCPZ
Description  12-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-2ABCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9517-2ABCPZ Datasheet HTML 9Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 10Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 11Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 12Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 13Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 14Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 15Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 16Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Data Sheet
AD9517-2
Rev. F | Page 13 of 80
DELAY BLOCK ADDITIVE TIME JITTER
Table 13.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DELAY BLOCK ADDITIVE TIME JITTER1
Incremental additive jitter
100 MHz Output
Delay (1600 μA, 0x1C) Fine Adj. 000000b
0.54
ps rms
Delay (1600 μA, 0x1C) Fine Adj. 101111b
0.60
ps rms
Delay (800 μA, 0x1C) Fine Adj. 000000b
0.65
ps rms
Delay (800 μA, 0x1C) Fine Adj. 101111b
0.85
ps rms
Delay (800 μA, 0x4C) Fine Adj. 000000b
0.79
ps rms
Delay (800 μA, 0x4C) Fine Adj. 101111b
1.2
ps rms
Delay (400 μA, 0x4C) Fine Adj. 000000b
1.2
ps rms
Delay (400 μA, 0x4C) Fine Adj. 101111b
2.0
ps rms
Delay (200 μA, 0x1C) Fine Adj. 000000b
1.3
ps rms
Delay (200 μA, 0x1C) Fine Adj. 101111b
2.5
ps rms
Delay (200 μA, 0x4C) Fine Adj. 000000b
1.9
ps rms
Delay (200 μA, 0x4C) Fine Adj. 101111b
3.8
ps rms
1 This value is incremental. That is, it is in addition to the jitter of the LVDS or CMOS output without the delay. To estimate the total jitter, the LVDS or CMOS output jitter
should be added to this value using the root sum of the squares (RSS) method.
SERIAL CONTROL PORT
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CS (INPUT)
CS has an internal 30 kΩ pull-up resistor
Input Logic 1 Voltage
2.0
V
Input Logic 0 Voltage
0.8
V
Input Logic 1 Current
3
μA
Input Logic 0 Current
110
μA
Input Capacitance
2
pF
SCLK (INPUT)
SCLK has an internal 30 kΩ pull-down resistor
Input Logic 1 Voltage
2.0
V
Input Logic 0 Voltage
0.8
V
Input Logic 1 Current
1
μA
Input Logic 0 Current
110
μA
Input Capacitance
2
pF
SDIO (WHEN INPUT)
Input Logic 1 Voltage
2.0
V
Input Logic 0 Voltage
0.8
V
Input Logic 1 Current
10
nA
Input Logic 0 Current
20
nA
Input Capacitance
2
pF
SDIO, SDO (OUTPUTS)
Output Logic 1 Voltage
2.7
V
Output Logic 0 Voltage
0.4
V
TIMING
Clock Rate (SCLK, 1/tSCLK)
25
MHz
Pulse Width High, tHIGH
16
ns
Pulse Width Low, tLOW
16
ns
SDIO to SCLK Setup, tDS
2
ns
SCLK to SDIO Hold, tDH
1.1
ns
SCLK to Valid SDIO and SDO, tDV
8
ns
CS to SCLK Setup and Hold, tS, tH
2
ns
CS Minimum Pulse Width High, tPWH
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com