Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9517-2A/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9517-2A/PCBZ
Description  12-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-2A/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9517-2A/PCBZ Datasheet HTML 1Page - Analog Devices AD9517-2A/PCBZ Datasheet HTML 2Page - Analog Devices AD9517-2A/PCBZ Datasheet HTML 3Page - Analog Devices AD9517-2A/PCBZ Datasheet HTML 4Page - Analog Devices AD9517-2A/PCBZ Datasheet HTML 5Page - Analog Devices AD9517-2A/PCBZ Datasheet HTML 6Page - Analog Devices AD9517-2A/PCBZ Datasheet HTML 7Page - Analog Devices AD9517-2A/PCBZ Datasheet HTML 8Page - Analog Devices AD9517-2A/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
Data Sheet
AD9517-2
Rev. F | Page 3 of 80
REVISION HISTORY
9/2020—Rev. E to Rev. F
Changed CP-48-8 to CP-48-9 ..................................... Throughout
Changes to Figure 6 ........................................................................18
Updated Outline Dimensions .......................................................79
Changes to Ordering Guide...........................................................79
3/2013—Rev. D to Rev. E
Changes to Table 52........................................................................ 57
Changes to Table 57........................................................................ 70
1/2012—Rev. C to Rev. D
Changes to Table 62........................................................................75
5/2011—Rev. B to Rev. C
Changes to Features, Applications, and General Description
Sections ...............................................................................................1
Change to CPRSET Pin Resistor Parameter, Table 1 ..................4
Changes to Table 2............................................................................4
Changes to Table 4............................................................................6
Changes to Logic 1 Current and Logic 0 Current
Parameters, Table 15.......................................................................14
Changes to Table 20........................................................................18
Change to Caption, Figure 8..........................................................20
Change to Caption, Figure 15 .......................................................21
Change to Captions, Figure 25 and Figure 26.............................23
Added Figure 41; Renumbered Sequentially...............................25
Changes to On-Chip VCO Section ..............................................34
Changes to Reference Switchover Section...................................35
Changes to Prescaler Section and Change to
Comments/Conditions Column, Table 28..................................36
Changes to Automatic/Internal Holdover Mode Section
and Frequency Status Monitors Section ......................................39
Changes to VCO Calibration Section ..........................................40
Changes to Clock Distribution Section........................................41
Changes to Write Section...............................................................51
Change to The Instruction Word (16 Bits) Section ...................52
Change to Figure 65........................................................................53
Change to Thermal Performance Section ...................................55
Changes to Register Address 0x01C, Bits[4:3], Table 52...........56
Changes to Address 0x017, Bits[1:0] and Address 0x018,
Bits[2:0], Table 54 ...........................................................................62
Changes to Register Address 0x01C, Bits[5:1], Table 54...........64
Change to LVPECL Clock Distribution Section ........................77
5/2010—Rev. A to Rev. B
Changes to Default Values of LVDS/CMOS Outputs
Section in Table 52..........................................................................56
Changes to Register 0x140, Bit 0; Register 0x142, Bit 0;
Register 0x143, Bit 0 in Table 57...................................................69
Updated Outline Dimensions, Changes to Ordering Guide ....78
1/2010—Rev. 0 to Rev. A
Added 48-Lead LFCSP Package (CP-48-8).................... Universal
Changes to Features, Applications, and General Description....1
Change to CPRSET Pin Resistor Parameter .................................4
Changes to Table 4............................................................................6
Changes to VCP Supply Parameter ................................................14
Changes to Table 19........................................................................16
Added Exposed Paddle Notation to Figure 6; Changes to
Table 20 ............................................................................................17
Change to High Frequency Clock Distribution—CLK or
External VCO > 1600 MHz Section; Change to Table 22 .........27
Changes to Table 24........................................................................29
Change to Configuration and Register Settings Section ...........31
Change to Phase Frequency Detector (PFD) Section ................32
Changes to Charge Pump (CP), On-Chip VCO, PLL
External Loop Filter, and PLL Reference Inputs Sections.........33
Change to Figure 46; Added Figure 47 ........................................33
Changes to Reference Switchover and VCXO/VCO
Feedback Divider N—P, A, B, R Sections....................................34
Changes to Table 28........................................................................35
Change to Holdover Section .........................................................37
Changes to VCO Calibration Section ..........................................39
Changes to Clock Distribution Section .......................................40
Change to Clock Frequency Division Section;
Change to Table 34 .........................................................................41
Changes to Channel Dividers—LVDS/CMOS Outputs
Section; Change to Table 39 ..........................................................43
Change to Write Section ................................................................50
Change to MSB/LSB First Transfers ............................................51
Change to Figure 64........................................................................52
Added Thermal Performance Section .........................................54
Changes to 0x003 Register Address .............................................55
Changes to Table 53........................................................................58
Changes to Table 54........................................................................59
Changes to Table 55........................................................................65
Changes to Table 56........................................................................67
Changes to Table 57........................................................................69
Changes to Table 58........................................................................71
Changes to Table 59........................................................................72
Changes to Table 60 and Table 61................................................74
Added Frequency Planning Using the AD9517 Section ...........75
Changes to Figure 70 and Figure 72; Added Figure 71 .............76
Changes to LVDS Clock Distribution Section............................76
Added Exposed Paddle Notation to Outline Dimensions ........78
Changes to Ordering Guide ..........................................................78
7/2007—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com