Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK914BCPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCLK914BCPZ-R2
Description  Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK914BCPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCLK914BCPZ-R2 Datasheet HTML 3Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 4Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 5Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 9Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 10Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ADCLK914
Data Sheet
Rev. B | Page 8 of 11
3.80
3.75
3.70
3.65
3.60
3.55
3.50
2.97
3.13
3.30
3.46
3.63
POWER SUPPLY VOLTAGE (V)
Figure 9. Differential Output Swing vs. Power Supply Voltage
115
114
113
112
111
110
109
108
107
106
105
2.97
3.13
3.30
3.46
3.63
POWER SUPPLY VOLTAGE (V)
Figure 10. Power Supply Current vs. Power Supply Voltage
200
180
160
140
120
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
INPUT COMMON MODE (V)
Figure 11. Propagation Delay vs. VICM; VID = 1.6 V p-p
162
160
158
156
154
152
150
148
146
0.4
0.8
1.2
1.6
2.0
INPUT DIFFERENTIAL (V p-p)
Figure 12. Propagation Delay vs. VID; VICM = 2.15 V
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5 10.5 11.5 12.5
FREQUENCY (GHz)
Figure 13. Toggle Rate, Differential Output Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com