Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK914/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADCLK914/PCBZ
Description  Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK914/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCLK914/PCBZ Datasheet HTML 3Page - Analog Devices ADCLK914/PCBZ Datasheet HTML 4Page - Analog Devices ADCLK914/PCBZ Datasheet HTML 5Page - Analog Devices ADCLK914/PCBZ Datasheet HTML 6Page - Analog Devices ADCLK914/PCBZ Datasheet HTML 7Page - Analog Devices ADCLK914/PCBZ Datasheet HTML 8Page - Analog Devices ADCLK914/PCBZ Datasheet HTML 9Page - Analog Devices ADCLK914/PCBZ Datasheet HTML 10Page - Analog Devices ADCLK914/PCBZ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
ADCLK914
Rev. B | Page 7 of 11
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 3.3 V, VEE = 0 V, TA = 25°C. All outputs terminated through 50 Ω to VCC, unless otherwise noted.
Q
Q
62.5ps/DIV
Figure 3. Output Waveform at 1 GHz, VCC = 3.3 V
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 4. Phase Noise at 122.88 MHz
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 5. Phase Noise at 245.76 MHz
Q
Q
100ps/DIV
Figure 6. Output Waveform at 1 GHz, VCC = 3.3 V
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 7. Phase Noise at 622.08 MHz
350
0
0
1
2
3
4
5
6
7
8
INPUT SLEW RATE (V/ns)
300
250
200
150
100
50
TA = 25°C
Figure 8. RMS Jitter vs. Input Slew Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com