Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND9007D Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND9007D
Description  Understanding TLP Datasheet Parameters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND9007D Datasheet(HTML) 2 Page - ON Semiconductor

  AND9007D Datasheet HTML 1Page - ON Semiconductor AND9007D Datasheet HTML 2Page - ON Semiconductor AND9007D Datasheet HTML 3Page - ON Semiconductor AND9007D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 0
1
Publication Order Number:
AND9007/D
AND9007/D
Understanding TLP
Datasheet Parameters
Prepared by: Robert Ashton
ON Semiconductor
Introduction
Transmission Line Pulse (TLP) is a measurement
technique used in the Electrostatic Discharge (ESD) arena
to characterize performance attributes of devices under ESD
stresses. TLP is able to obtain current versus voltage (I−V)
curves in which each data point is obtained with a 100 ns
long pulse, with currents up to 40 A. TLP was first used in
the ESD field to study human body model (HBM) in
integrated circuits, but it is an equally valid tool in the field
of system level ESD. The applicability of TLP to system
level ESD is illustrated in Figure 1, which compares an 8 kV
IEC 61000−4−2 current waveform with TLP current pulses
of 8 and 16 A. The current levels and time duration for the
pulses are similar and the initial rise time for the TLP pulse
is comparable to the rise time of the IEC 61000−4−2’s initial
current spike. This application note will give a basic
introduction to TLP measurements and explain the
datasheet
parameters
extracted
from
TLP
for
ON Semiconductor’s protection products. For more
information on TLP measurements please see application
note AND9006/D, “Using Transmission Line Pulse
Measurements
to
Understand
Protection
Product
Characteristics”.
Figure 1. Comparison of a Current Waveform of IEC 61000−4−2 with TLP Pulses at 8 and 16 A
Note that the IEC 61000−4−2 ESD waveforms is true to the Standard and is shown here as captured on an oscilloscope. The points A, B,
and C show the points on the waveforms specified in IEC 61000−4−2.
http://onsemi.com
APPLICATION NOTE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com