Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND9083D Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND9083D
Description  MOSFET Gate-Charge Origin and its Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND9083D Datasheet(HTML) 2 Page - ON Semiconductor

  AND9083D Datasheet HTML 1Page - ON Semiconductor AND9083D Datasheet HTML 2Page - ON Semiconductor AND9083D Datasheet HTML 3Page - ON Semiconductor AND9083D Datasheet HTML 4Page - ON Semiconductor AND9083D Datasheet HTML 5Page - ON Semiconductor AND9083D Datasheet HTML 6Page - ON Semiconductor AND9083D Datasheet HTML 7Page - ON Semiconductor AND9083D Datasheet HTML 8Page - ON Semiconductor AND9083D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© Semiconductor Components Industries, LLC, 2016
February, 2016 − Rev. 2
1
Publication Order Number:
AND9083/D
AND9083/D
MOSFET Gate-Charge
Origin and its Applications
Introduction
Engineers often estimate switching time based on total
drive resistances and gate charge or capacitance. Since
capacitance is non-linear, gate charge is an easier parameter
for estimating switching behavior. However, the MOSFET
switching time estimated from datasheet parameters does not
normally match what the oscilloscope shows. This is due to
differences between the parameters taken from the datasheet
and the application conditions. For example, in Figure 1 the
gate charge of NTD5805N was characterized at two
different conditions and results varied greatly. If datasheet
values are characterized at conditions different from the
user, the differences will introduce error in the estimation.
This article will explain how to better estimate gate charge
from datasheets and their applications. For simplicity in this
article, power MOSFET NTD5805N’s datasheet [1] is used
with circuit conditions of 32 V and 30 A.
ID = 30 A, VDS = 5 V
ID = 5 A, VDS = 30 V
Figure 1. NTD5805N Gate-to-Source Voltage vs.
Total Charge
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
QG, TOTAL GATE CHARGE (nC)
Inductive Switching
In switch-mode power supplies, MOSFETs switch
inductive loads. Figure 2 shows a basic buck circuit with high
side MOSFET turn on transition. Before the high side
MOSFET is turned on, inductor current is flowing through the
low side MOSFET’s body diode (VBD). The turn-on transition
is broken down into three regions (Figure 3). These regions
will be individually explained. Figure 4 shows the transition
through these regions in terms of output characteristics. Gate
charge can be derived from the non-linear capacitance
curves, which are fully characterized at a range of VDS
(VGS = 0 V) and VGS (VDS = 0 V) as shown in Figure 5.
32 V
30 A
0 à 10 V
+
−
Figure 2. Inductive Switching
VGS
ID
VDS
−
+
AB
C
VDS
VTH
QG
QG, TOTAL GATE CHARGE (nC)
30
20
10
0
0
1
4
6
3
9
10
2
5
7
8
0
15
25
10
5
20
30
35
QSW
VGP
Figure 3. Gate-to-Source Voltage
and Switching vs. Total Charge
ID
www.onsemi.com
APPLICATION NOTE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com