Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND9129D Datasheet(PDF) 2 Page - ON Semiconductor

Part # AND9129D
Description  Understanding a Digital Transistor Datasheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND9129D Datasheet(HTML) 2 Page - ON Semiconductor

  AND9129D Datasheet HTML 1Page - ON Semiconductor AND9129D Datasheet HTML 2Page - ON Semiconductor AND9129D Datasheet HTML 3Page - ON Semiconductor AND9129D Datasheet HTML 4Page - ON Semiconductor AND9129D Datasheet HTML 5Page - ON Semiconductor AND9129D Datasheet HTML 6Page - ON Semiconductor AND9129D Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
December, 2013 − Rev. 1
1
Publication Order Number:
AND9129/D
AND9129/D
Understanding a Digital
Transistor Datasheet
Introduction
This application note will describe the common
specifications of a Digital Transistor. It will also show how
to use these specifications to successfully design with a
Digital Transistor. Parameters from the DTC114E/D
datasheet will be used to help with explanations. This
datasheet describes a Digital Transistor that has an input
resistor, R1, equal to 10 k
W and a base−emitter resistor, R2,
equal to 10 k
W. Figure 1 gives a labeled schematic of a
Digital Transistor. These labels will be used throughout this
application note.
Figure 1. Labeled Schematic
For Digital Transistors it is important to realize that the
transistor and resistor network is considered as one unit. An
example of this is the ICBO parameter. Looking at this
parameter one would think that it is not possible. How could
the emitter be open when R2 connects the emitter and base
of the transistor? Shouldn’t it be ICER? The answer is yes R2
connects the emitter and base of the transistor, but this
connection is built into the device. What is considered the
emitter and base of the Digital Transistor is left open. In the
case of a Digital Transistor ICER would mean that there is an
additional resistor placed between the emitter and base of the
digital transistor. Figure 2 shows the difference between
ICBO and ICER when referring to Digital Transistors.
Figure 2. ICBO vs. ICER
Maximum Ratings
Below is the maximum ratings table that can be found in
every Digital Transistor datasheet.
Table 1. MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Base Voltage
VCBO
50
Vdc
Collector−Emitter Voltage
VCEO
50
Vdc
Collector Current – Continuous
IC
100
mAdc
Input Forward Voltage
VIN(fwd)
40
Vdc
Input Reverse Voltage
VIN(rev)
10
Vdc
Stresses exceeding those listed in the Maximum Ratings table
may damage the device. If any of these limits are exceeded,
device functionality should not be assumed, damage may occur
and reliability may be affected.
The first spec, VCBO, states that the maximum voltage that
can be applied from the collector to the base is 50 V. The
Collector−Emitter Voltage, VCEO, spec states the maximum
voltage that can be applied from the collector to emitter is
50 V. In addition, the table specifies that the maximum DC
collector current (IC) that the device can conduct is 100 mA.
There are two maximum ratings for the input voltage,
forward and reverse. The input voltage is defined as the
voltage applied from the base and the emitter. The maximum
input forward voltage is determined from the power
capabilities of the input resistor, R1. Figure 3 and Equations
1 and 2 describe how the maximum input forward voltage is
calculated when the maximum power capability of R1 is
220 mW. It is important to use the minimum value of R1
because it will cause the greatest power to be dissipated on the
die. The minimum value of R1 can be found in the Electrical
Characteristics Table of every Digital Transistor datasheet. In
this case R1(min) = 7 k
W. The resulting maximum input
forward voltage is 40 V. For this particular device a voltage
greater than this would result in the resistor failing.
APPLICATION NOTE
http://onsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com