Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1003S Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH1003S
Description  HIGH EFFICIENCY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1003S Datasheet(HTML) 7 Page - STMicroelectronics

  STTH1003S Datasheet HTML 1Page - STMicroelectronics STTH1003S Datasheet HTML 2Page - STMicroelectronics STTH1003S Datasheet HTML 3Page - STMicroelectronics STTH1003S Datasheet HTML 4Page - STMicroelectronics STTH1003S Datasheet HTML 5Page - STMicroelectronics STTH1003S Datasheet HTML 6Page - STMicroelectronics STTH1003S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
STTH1003S
7/8
Table 7: Ordering Information
■ Epoxy meets UL94, V0
■ Cooling method: by conduction (C)
■ Recommended torque value: 0.8 m.N.
■ Maximum torque value: 1.0 m.N.
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH1003SFP
STTH1003SFP
TO-220FPAB
1.70 g
50
Tube
STTH1003SB
STTH1003SB
DPAK
0.3 g
75
Tube
STTH1003SB-TR
STTH1003SB
2500
Tape & reel
STTH1003SG
STTH1003SG
D2PAK
1.48 g
50
Tube
STTH1003SG-TR
STTH1003SG
1000
Tape & reel
Table 8: Revision History
Date
Revision
Description of Changes
24-Aug-2005
1
First issue.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com