Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1003SFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1003SFP
Description  HIGH EFFICIENCY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1003SFP Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1003SFP Datasheet HTML 1Page - STMicroelectronics STTH1003SFP Datasheet HTML 2Page - STMicroelectronics STTH1003SFP Datasheet HTML 3Page - STMicroelectronics STTH1003SFP Datasheet HTML 4Page - STMicroelectronics STTH1003SFP Datasheet HTML 5Page - STMicroelectronics STTH1003SFP Datasheet HTML 6Page - STMicroelectronics STTH1003SFP Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STTH1003S
3/8
Figure 3: Reverse recovery time versus dIF/dt
(90% confidence)
Figure 4: Softness factor versus dIF/dt (typical
values)
Figure 5: Relative variations of dynamic
parameters
versus
junction
temperature
(reference: Tj = 125°C)
Figure 6: Transient peak forward voltage
versus dIF/dt (90% confidence)
Figure 7: Forward recovery time versus dIF/dt
(90% confidence)
0
50
100
150
200
250
300
350
400
450
500
0
10
20
30
40
50
60
70
80
90
100
t (ns)
rr
dI /dt(A/µs)
F
V =200V
T =125°C
R
j
I = 2xI
FF(AV)
I= I
FF(AV)
I = 0.5xI
F
F(AV)
0
50
100
150
200
250
300
350
400
450
500
0.00
0.10
0.20
0.30
0.40
0.50
0.60
S factor
dI /dt(A/µs)
F
V =200V
T =125°C
R
j
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
T (°C)
j
S factor
IRM
0
50
100
150
200
250
300
350
400
450
500
0
1
2
3
4
5
6
7
8
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com