Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFQ26N60P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFQ26N60P
Description  N-Channel Enhancement Mode Fast Recovery Diode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFQ26N60P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFQ26N60P Datasheet HTML 1Page - IXYS Corporation IXFQ26N60P Datasheet HTML 2Page - IXYS Corporation IXFQ26N60P Datasheet HTML 3Page - IXYS Corporation IXFQ26N60P Datasheet HTML 4Page - IXYS Corporation IXFQ26N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFH 26N60P
IXFQ 26N60P
IXFV 26N60P
IXFV 26N60PS IXFT 26N60P
Fig. 2. Extended Output Characteristics
@ 25
ºC
0
6
12
18
24
30
36
42
48
54
60
0
3
6
9
12
15
18
21
24
27
30
VD S - Volts
VGS = 10V
7V
5V
6V
Fig. 1. Output Characteristics
@ 25
ºC
0
4
8
12
16
20
24
0
123
4567
VD S - Volts
VGS = 10V
7V
5V
6V
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ. Max.
g
fs
V
DS
= 20 V; I
D = 0.5 ID25, pulse test
16
26
S
C
iss
4150
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
400
pF
C
rss
27
pF
t
d(on)
25
ns
t
r
V
GS
= 10 V, V
DS = 0.5 ID25
27
ns
t
d(off)
R
G
= 5
Ω (External)
75
ns
t
f
21
ns
Q
g(on)
72
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 VDSS, ID = 0.5 ID25
27
nC
Q
gd
24
nC
R
thJC
0.27
K/W
R
thCK
TO-3P, PLUS220 & TO-247
0.21
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ. Max.
I
S
V
GS = 0 V
26
A
I
SM
Repetitive
78
A
V
SD
I
F = IS, VGS = 0 V, pulse test
1.5
V
t
rr
I
F = 25A, -di/dt = 100 A/µs
150
250
ns
I
RM
V
R = 100V; VGS = 0 V
7
A
Q
RM
0.7
µC
CharacteristicCurves
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com