Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE6465M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE6465M
Description  P-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE6465M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE6465M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE6465M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE6465M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE6465M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE6465M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE6465M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE6465M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE6465M
P-Channel 60-V (D-S) MOSFET
VER 1.1
1
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications
Load Switches
DC/DC Conversion
Motor Drives
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Continuous
Drain Current
a
TA=25℃
ID
-19
A
TA=70℃
-15
Pulsed Drain Current
b
IDM
-70
A
Continuous Source Current (Diode Conduction)
a
IS
-7.1
A
Power Dissipation
a
TA=25℃
PD
5
W
TA=70℃
3.2
Operating temperature / storage temperature
TJ/TSTG
-55~150
℃
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
25
°C/W
Steady State
65
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
PRODUCT SUMMARY
VDS (V)
rDS
(on) (mΩ)
ID(A)
-60
9.8@ VGS = -10V
-19
11.2 @ VGS = -4.5V
-17


Similar Part No. - ACE6465M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE6428B ACE-ACE6428B Datasheet
949Kb / 8P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE6428D ACE-ACE6428D Datasheet
940Kb / 8P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE6465M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com