Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7224Y Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7224Y
Description  High-Efficiency 3A, 24V Input Synchronous Step Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7224Y Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7224Y Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7224Y Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7224Y Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7224Y Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE7224Y
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
1
Description
The ACE7224Y is high-efficiency, high frequency synchronous step-down DC-DC regulator ICs
capable of delivering up to 3A output currents. The ACE7224Y family operate over a wide input voltage
range from 4.5V to 24V and integrate main switch and synchronous switch with very low RDS(ON) to
minimize the conduction loss.
The pure COT architecture with Pseudo fixed switching frequency operation provides fast transient
response and eases loop stabilization. Protection features include over-current protection and thermal
shutdown.
ACE7224Y always operate in continuous conduction mode, which reduces the output ripple voltage in
light load compared to discontinuous conduction mode. The ACE7224Y is stable with extremely low ESR,
high capacitance. The ACE7224Y requires a minimal number of readily-available, standard, external
components and is available in a space-saving TSOT23-6 package.
Features
⚫
Low RDS(ON) for internal switches (top/bottom) 80mΩ/40mΩ, 3.0A
⚫
4.5-24V input voltage range
⚫
High-Efficiency Synchronous-Mode
⚫
Internal soft start limits the inrush current
⚫
Over Current protection
⚫
Output short circuit protection with hiccup mode
⚫
Thermal shutdown
⚫
Available in TSOT23-6 packages
Application
⚫
Portable Navigation Device
⚫
Set Top Box
⚫
Portable TV
⚫
LCD TV


Similar Part No. - ACE7224Y

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results

Similar Description - ACE7224Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2325 MPS-MP2325 Datasheet
1Mb / 17P
High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MPQ2315 MPS-MPQ2315 Datasheet
780Kb / 21P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MPQ2325 MPS-MPQ2325 Datasheet
1Mb / 17P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2315 MPS-MP2315 Datasheet
657Kb / 18P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MP2315S MPS-MP2315S Datasheet
649Kb / 16P
3A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
12/21/2015 Rev. 1.0
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com