Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7225D Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7225D
Description  2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7225D Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7225D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7225D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7225D Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE7225D
2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
VER 1.1
2
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Input Voltage
V
IN
-0.3~+20
V
EN Voltage
V
EN
-0.3~+20
V
FB Voltage
-0.3~+6
V
SW Voltage
-0.3~VIN+0.5
V
BS Voltage
VSW-0.3~ VSW+5
V
Power Dissipation
SOT-23-6
PD
400
mW
Thermal Resistance
Operating Temperature
Topr
-40~+85
°C
Junction Temperature
T
j
150
°C
Storage Temperature
Tstg
-40~+125
°C
Soldering Temperature & Time(10 sec)
T
solder
260
°C
ESD
Human Body Model -(HBM)
2
kV
Machine Model- (MM)
200
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com