Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7260T Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7260T
Description  1.0MHz, 2A Synchronous Step-Down DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7260T Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7260T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7260T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7260T Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE7260T
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
2
Absolute Maximum Ratings
Parameter
Value
VIN Pin Voltage
-0.3 V to 6.5V
LX Pin Voltage
-0.3 V to 6.5V
EN Pin and FB Pin Voltage
-0.3 V to 6.5V
Operating Ambient Temperature Range TA
-40
C to 85C
Operating Maximum Junction Temperature (Note) TJ
160
C
Storage Temperature Range TSTG
-65
C to 150C
Lead Temperature (Soldering 10 Sec.)
260
C
Power Dissipation
600mW
(Assume no Ambient Airflow, no Heat sink)
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note: TJ is calculated from the ambient temperature TA and power dissipation PD according to the fol- lowing formula:
TJ = TA + (PD) x (250°C/W).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com