Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7263C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7263C
Description  27V 2A 500KHz Synchronous Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7263C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7263C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE7263C
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
1
Description
The ACE7263C is a fully integrated, synchronous rectified step-down converter that provides wide
4.2V to 27V input voltage range and 2A continuous load current capability. The ACE7263C can operate at
PFM mode to achieve high efficiency and reduce power loss at light load. In shutdown mode, the Max
supply current is about 3μA.
The ACE7263C protection function includes cycle-by-cycle current limit, UVLO and thermal shutdown.
Besides, internal soft-start prevents inrush current at fast power-on. This device uses slope compensated
current mode control which provides fast load transient response. Internal loop compensation function
reduces the external compensator components and simplifies the design process.
The ACE7263C requires a minimum number of readily available standard external components and is
available in ESOP-8 (Exposed Pad) package and provides good thermal conductance.
Features
⚫
Wide input voltage range: 4.2V to 27V
⚫
2A output current
⚫
0.8V reference voltage
⚫
Low RDS(ON) integrated powe
r MOSFET (180/110mΩ)
⚫
3μA(Max) shutdown curren
⚫
Integrated internal compensation
⚫
High efficiency at light load
⚫
Internal 1ms soft-start
⚫
Cycle-by-cycle current limit
⚫
Over-temperature protection with auto recovery
⚫
Under voltage lockout(UVLO)
⚫
Hiccup short circuit protection
⚫
Available in ESOP8 exposed pad package
⚫
RoHS compliant
Application
⚫
Distributed power system
⚫
Flat panel television and monitors
⚫
STB (set-top-box)
⚫
Networking, XDSL modem


Similar Part No. - ACE7263C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE7263C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2612E SEMTECH-SC2612E Datasheet
215Kb / 11P
500kHz Step-Down DC/DC Converter
logo
Global Mixed-mode Techn...
G5798 GMT-G5798 Datasheet
76Kb / 1P
500kHz 2A/3A Synchronous Step-down DC/DC
G5796 GMT-G5796 Datasheet
88Kb / 1P
500kHz 2A/3A Synchronous Step-down DC/DC
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
2A, 18V, 500kHz, synchronous step down DC/DC converter
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
A7222A AITSEMI-A7222A Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 16V, 2A SYNCHRONOUS
REV1.0
A7322 AITSEMI-A7322 Datasheet
776Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 2A, 500kHZ SYNCHRONOUS
REV1.1 - MAY 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com