Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5OSK481 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS5OSK481
Description  48 MHz Tiny USB Clock Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5OSK481 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS5OSK481 Datasheet HTML 1Page - Integrated Circuit Systems ICS5OSK481 Datasheet HTML 2Page - Integrated Circuit Systems ICS5OSK481 Datasheet HTML 3Page - Integrated Circuit Systems ICS5OSK481 Datasheet HTML 4Page - Integrated Circuit Systems ICS5OSK481 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICS5OSK481
MDS 5OSK481 B
1
Revision 111805
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
48 MHz Tiny USB Clock Source
PRELIMINAR Y INFORMA T ION
Description
The ICS5OSK481 is a low cost integrated clock
synthesizer solution designed for replacing crystals
and crystal oscillators.
The ICS5OSK481 generates a very accurate 48.00
MHz clock output.
Features
25 MHz clock input
The 48.00 MHz CLK output is USB2.0 reference
clock compliant
Output duty cycle 45/55% (worst case)
Advanced, low-power CMOS process
Industrial temperature range (-40 to +85°C)
Packaged in 5-pin TSOT
3.3 V supply voltage
Pb (lead) free package available
Short term C-C Jitter of 100 ps
Block Diagram
Clock
Buffer
PLL
ICLK
CLK
VDD
GND
OE


Similar Part No. - ICS5OSK481

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS5OSK482 ICST-ICS5OSK482 Datasheet
112Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
ICS5OSK482TILF ICST-ICS5OSK482TILF Datasheet
112Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
ICS5OSK482TILFT ICST-ICS5OSK482TILFT Datasheet
112Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
More results

Similar Description - ICS5OSK481

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1711-01 ICST-MK1711-01 Datasheet
61Kb / 4P
200 MHz Selectable Clock Source
Revision 120897
MK171101 ICST-MK171101 Datasheet
42Kb / 4P
200 MHz Selectable Clock Source
Revision 12087
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
ICS5OSK482 ICST-ICS5OSK482 Datasheet
112Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
Broadcom Clock Source
Revision 042600
logo
Richtek Technology Corp...
RT9300A RICHTEK-RT9300A Datasheet
97Kb / 7P
Tiny Package, Low Dropout Current Source
RT9300A RICHTEK-RT9300A_11 Datasheet
118Kb / 9P
Tiny Package, Low Dropout Current Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
MK2746-01 RENESAS-MK2746-01 Datasheet
337Kb / 7P
USB-DVR CLOCK SOURCE
051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com