Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS552AR-01 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS552AR-01
Description  Oscillator, Multiplier, and Buffer with 8 Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552AR-01 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS552AR-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS552AR-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS552AR-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS552AR-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS552AR-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS552AR-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS552AR-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS552AR-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS552AR-01 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Oscillator, Multiplier, and Buffer with 8 Outputs
MDS 552A-01 B
8
Revision 010906
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS552A-01
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS552A-01. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V or 5 V, Ambient Temperature -40 to +85
°C
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Storage Temperature
-65
150
°C
Soldering Temperature
Max 10 seconds
260
°C
Junction Temperature
125
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (commercial)
0
+70
°C
Ambient Operating Temperature (industrial)
-40
+85
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Input High Voltage
VIH
ICLK
VDD/2+1
VDD/2
V
Input Low Voltage
VIL
ICLK
VDD/2
VDD/2-1
V
Input High Voltage
VIH
S3:S0
2
V
Input Low Voltage
VIL
S3:S0
0.8
V
Output High Voltage
VOH
VDD = 3.3 V,
IOH = -8 mA
2.4
V
Output Low Voltage
VOL
VDD = 3.3 V,
IOL = 8 mA
0.4
V
Output High Voltage
VOH
VDD = 3.3 V or 5 V,
IOH = -8 mA
VDD-0.4
V
Short Circuit Current
IOS
VDD = 3.3 V, each
output
±50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com