Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8343I-01 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS8343I-01
Description  LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8343I-01 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS8343I-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS8343I-01 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ICS8343I-01
LOW SKEW, 1-TO-16
LVCMOS / LVTTL FANOUT BUFFER
8343AYI-01
www.icst.com/products/hiperclocks.html
REV. A JUNE 22, 2004
7
Integrated
Circuit
Systems, Inc.
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
2.05V±5%
V
DDx
-1.25V±5%
V
DD
1.25V±5%
SCOPE
Qx
LVCMOS
1.65V±5%
-1.65V±5%
SCOPE
Qx
LVCMOS
1.25V±5%
-1.25V±5%
OUTPUT SKEW
PART-TO-PART SKEW
OUTPUT RISE/FALL TIME
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.5V CORE/ 2.5V OUTPUT LOAD AC TEST CIRCUIT
3.3V CORE/ 3.3V OUTPUT LOAD AC TEST CIRCUIT
tsk(o)
V
DDx
2
V
DDx
2
Qy
Qx
tsk(pp)
V
DDx
2
V
DDx
2
Qy
Qx
Part 1
Part 2
Clock
Outputs
20%
80%
80%
20%
tR
t F
V
DD,
V
DDx
GND
GND
V
DD,
V
DDx
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com