Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS554-01DPK Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS554-01DPK
Description  Clock Divider
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS554-01DPK Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS554-01DPK Datasheet HTML 1Page - Integrated Circuit Systems ICS554-01DPK Datasheet HTML 2Page - Integrated Circuit Systems ICS554-01DPK Datasheet HTML 3Page - Integrated Circuit Systems ICS554-01DPK Datasheet HTML 4Page - Integrated Circuit Systems ICS554-01DPK Datasheet HTML 5Page - Integrated Circuit Systems ICS554-01DPK Datasheet HTML 6Page - Integrated Circuit Systems ICS554-01DPK Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Clock Divider
MDS 544M-01 A
4
Revision 041505
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS544-01
PRELIM INAR Y INFO RMA T ION
DC Electrical Characteristics
Unless stated otherwise, VDD = 2.25 V to 3.6 V, CL=15 pf±5%, Ambient Temperature -40°C to +70°C
AC Electrical Characteristics
Unless stated otherwise, VDD = 2.25 V to 3.6 V±5%, CL=15 pf±5%, Ambient Temperature -40°C to +70°C
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
2.25
3.6
V
Input High Voltage
VIH
S0, S1, OE, ICLK
0.7VDD
V
Input Low Voltage
VIL
S0, S1, OE, ICLK
0.3VDD
V
Output High Voltage
VOH
IOH = -2 mA
VDD-0.4
VDD-0.15
V
Output Low Voltage
VOL
IOL = 2 mA
0.15
0.4
V
Operating Supply Current
IDD
VDD =2.25 V - 2.75 V
0.3
0.6
mA
Operating Supply Current
IDD
VDD= 2.75 V - 3.6 V
0.5
1
mA
Standby Current
ISB
OE=0
10
ua
Short Circuit Current
IOS
±40
mA
Input Capacitance
CIN
S0, S1, OE
4
pF
Nominal Output Impedance
ZO
at VDD/2
20
Ω
Internal Pull-up Resistor
Rpup
TBD
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, clock input
VDD = 3.3 V
0
156
MHz
Output Rise Time
tOR
0.1VDD to 0.9VDD
0.2
1
us
Output Fall Time
tOF
0.9VDD to 0.1VDD
0.2
1
us
Duty Cycle
at VDD/2
45
49 to 51
55
%
Output Enable Delay Time
tOE
OE going high to CLK
output valid
2us
Output Disable Delay Time
tOD
OE going low to CLK
output invalid
2us
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com