Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XB4FVB6 Datasheet(PDF) 2 Page - Schneider Electric

Part # XB4FVB6
Description  Harmony XB4, Pilot light flush mounted, metal, blue, 횠30, plain lens with integral LED, 24 V AC/DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XB4FVB6 Datasheet(HTML) 2 Page - Schneider Electric

  XB4FVB6 Datasheet HTML 1Page - Schneider Electric XB4FVB6 Datasheet HTML 2Page - Schneider Electric XB4FVB6 Datasheet HTML 3Page - Schneider Electric XB4FVB6 Datasheet HTML 4Page - Schneider Electric XB4FVB6 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Screw clamp terminals, 1 x 0.22...2 x 2.5 mm² without cable end conforming to EN/IEC 60947-1
Tightening torque
7.08…10.62 lbf.in (0.8…1.2 N.m) EN 60947-1
Shape of screw head
Cross compatible with Philips no 1 screwdriver
Cross compatible with pozidriv No 1 screwdriver
Slotted compatible with flat Ø 4 mm screwdriver
Slotted compatible with flat Ø 5.5 mm screwdriver
[Ui] rated insulation voltage
600 V 3)EN/IEC 60947-1
Signalling type
Steady
Current Consumption
18 mA
Service life
100000 h at rated voltage and 25 °C
Surge withstand
1 kV IEC 61000-4-5
Device presentation
Complete product
Supply voltage limits
19.2…30 V DC
21.6…26.4 V AC
Environment
Protective treatment
TH
Ambient Air Temperature for Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…131 °F (-40…55 °C)
Electrical shock protection class
Class I IEC 60536
IP degree of protection
IP66 conforming to IEC 60529
IP67 conforming to IEC 60529
IP69 conforming to IEC 60529
IP69K conforming to ISO 20653
Type 13 UL 50 E
Type 12 UL 50 E
Type 4 UL 50 E
Type 4X UL 50 E
IK degree of protection
IK06 conforming to IEC 50102
Standards
CSA C22.2 No 14
EN/IEC 60947-5-1
EN/IEC 60947-5-4
UL 508
EN/IEC 60947-1
JIS C8201-5-1
CE
JIS C8201-1
Product Certifications
UL Listed
CSA
CCC
EAC
Vibration resistance
5 gn 10…500 Hz)IEC 60068-2-6
2 mm peak to peak 2…10 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
25 gn 6 ms) 1000 shocks on each axis IEC 60068-2-27
Resistance to fast transients
2 kV IEC 61000-4-4
Resistance to electromagnetic fields
9.14 V/m (10 V/m) IEC 61000-4-3
Resistance to electrostatic discharge
6 kV on contact (on metal parts) IEC 61000-4-2
8 kV in free air (in insulating parts) IEC 61000-4-2
Electromagnetic emission
Class B conforming to IEC 55011
Ordering and shipping details
Category
22468 - PUSHBUTTONS,22MM(METAL) NEW
Discount Schedule
CS2
GTIN
3606489580520
Nbr. of units in pkg.
1
Package weight(Lbs)
3.84 oz (109 g)
Returnability
No
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com