Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS558G-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS558G-01
Description  PECL/CMOS TO CMOS CLOCK DIVIDER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS558G-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS558G-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS558G-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS558G-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS558G-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS558G-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PECL/CMOS TO CMOS CLOCK DIVIDER
MDS 558-01 C
2
Revision 122105
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS558-01
Pin Assignment
Input Clock Selection
Tri-State Table
Output Divide Selection
Pin Descriptions
12
1
11
2
10
3
9
S0
4
S1
5
VDDP
6
VDDC
7
PECLIN
8
PECLIN
CLK1
CLK2
CLK3
GND
CLK4
OE1
CMOSIN
GND
16
15
14
13
OE0
SELPECL
16-pin 173 Mil (0.65mm) TSSOP
SELPECL
Input
0CMOSIN
1
PECLIN
OE1
OE0
CLK 1
CLK 2, 3, 4
00
Tri-state
Tri-state
0
1
Clock ON
Tri-state
1
0
Tri-state
Clock ON
1
1
Clock ON
Clock ON
S1
S0
Output Divide
00
/1
01
/2
10
/3
11
/4
Pin
Number
Pin
Name
Pin Type
Pin Description
1
S0
Input
Select 0 for output divider. See table above. Internal pull-up to VDDP.
2
S1
Input
Select 1 for output divider. See table above. Internal pull-up to VDDP.
3
VDDP
Power
Connect to +3.3 V or +5 V. Decouple to pin 6.
4
PECLIN
Clock Input
PECL input. Connect to ground if not used.
5
PECLIN
Clock Input
Complimentary PECL input. Connect to ground if not used.
6
GND
Power
Connect to ground.
7
CMOSIN
Clock Input
CMOS input. Connect to ground if not used.
8
OE0
Input
Output Enable 0. See table above. Internal pull-up to VDDP.
9
OE1
Input
Output Enable 1. See table above. Internal pull-up to VDDP.
10
GND
Power
Connect to ground.
11
CLK4
Output
Low skew clock output.
12
CLK3
Output
Low skew clock output.
13
CLK2
Output
Low skew clock output.
14
CLK1
Output
Low skew clock output.
15
VDDC
Power
Connect to +2.5 V, +3.3 V, or +5 V. Decouple to pin 10.
16
SELPECL
Input
Selects PECL or CMOS input. See table above. Internal pull-up to
VDDP.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com