Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA515 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA515
Description  5 V SPST Depletion Switch with Negative Swing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA515 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA515 Datasheet HTML 1Page - ON Semiconductor FSA515 Datasheet HTML 2Page - ON Semiconductor FSA515 Datasheet HTML 3Page - ON Semiconductor FSA515 Datasheet HTML 4Page - ON Semiconductor FSA515 Datasheet HTML 5Page - ON Semiconductor FSA515 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FSA515
www.onsemi.com
3
Table 6. RECOMMENDED OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Supply Voltage
Isolating
VDD (OFF)
2.5
5.5
V
Conducting
VDD (ON)
0
0.5
V
Switch Voltage Range
Isolating
VSW(OFF)
−3.0 (Vpk; AC)
4.7
V
Isolating (requires 1 kW (typ) in series with source)
4.7
5.5
Conducting
VSW(ON)
−3.0 (Vpk; AC)
4.7
V
Isolating (requires 1 kW (typ) in series with source)
4.7
5.5
Ambient Temperature
TA
−40
85
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
Table 7. ELECTRICAL CHARACTERISTICS Unless otherwise specified, typical values are for TA=25°C, VDD = 0 V
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
SWITCH DC CHARACTERISTICS
Switch Off Leakage Current
VDD = 5 V
1B = GND
1A = 5.5 V
IOFF
0.01
mA
1A = −1.5 V
−0.65
VDD = 3.3 V
1B = GND
1A = 1.4 V
(Note 5)
0.01
1.5
Switch On Resistance
ISW = 100 mA, VSW =−1.5 V to +1.5 V
RON
0.7
1.1
W
ISW = 100 mA, VSW = 0 V to +5.5 V
0.7
1.1
On Resistance Flatness
ISW = 100 mA, VSW =−1.5 V to +1.5 V
RFLAT(ON)
1.1
mW
ISW = 100 mA, VSW = 0 V to +5.5 V
1.1
SWITCH AC CHARACTERISTICS
Total Harmonic Distortion Plus Noise
VSW = 1 VRMS, Ground Centered
RL = 32 W, f = 1 kHz
THD+N
−93
dB
Off Isolation Rejection Ratio
VSW = 1 VRMS,
Ground Centered
RL = 32 W
f = 1 kHz
OIRR
−116
dB
f = 20 kHz
−97
Bandwidth
VSW = 200 mVPP, Ground Centered
RL = 50 W
BW
367
MHz
SUPPLY CURRENTS
Peak Startup Supply Current
VDD = 0 V to 5.5 V
IDDT
3.0
mA
Quiescent Current
VDD = 5.5 V
IDD
−
30
mA
Disable Current
VDD v 0.2 V
IDIS
0.05
0.50
mA
CONTROL LOGIC
VDD Pull−Down Resistance
VDD v 0.2 V
RPD
5.8
MW
VDD High Voltage
VDDH
2.5
V
VDD Low Voltage
VDDL
0.5
V
TIMING
Switch Turn−off Time
RL=1 kΩ, CL=10 pF, VDD = 0.0 V to 3.0 V
VSW = 5.0V, Figure 1
tOFF
85
ms
Switch Turn−on Time
RL=1 kΩ, CL=10 pF, VDD = 3.0 V to Hi−Z,
CBYP = 1 nF, VSW = 5.0 V, Figure 1
tON
250
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25°C.
5. Maximum is guaranteed at 25°C.
6. For reference only – guaranteed by design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com