Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601R-25 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS601R-25
Description  LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601R-25 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS601R-25 Datasheet HTML 1Page - Integrated Circuit Systems ICS601R-25 Datasheet HTML 2Page - Integrated Circuit Systems ICS601R-25 Datasheet HTML 3Page - Integrated Circuit Systems ICS601R-25 Datasheet HTML 4Page - Integrated Circuit Systems ICS601R-25 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
MDS 601-25 C
2
Revision 071505
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS601-25
Pin Assignment
Output Select Table
Pin Descriptions
5
GND
6
7
8
9
10
CLK3
GND
VDD
PD
S3
CLK1
VDD
S1
S2
CLK5
CLK4
16
15
14
13
12
11
20 Pin (150 mil) SSOP
3
4
VDD
CLK2
VDD
18
S0
17
1
2
VDD
GND
X2
20
X1/ICLK
19
S3
S2
S1
S0
Multiplier
00
0
0
x1
00
0
1
x2
00
1
0
x3
00
1
1
x4
01
0
0
x5
01
0
1
x6
01
1
0
x8
0
1
1
1
x16
10
0
0
x7
10
0
1
x9
1
0
1
0
x10
1
0
1
1
x11
1
1
0
0
x12
1
1
0
1
output tristates
1
1
1
0
x14
1
1
1
1
x15
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/ICLK
XI
Crystal or clock input. Connect to a 10-27 MHz fundamental parallel mode
crystal or clock input.
2
VDD
Power
Connect to +3.3 V.
3
S0
Input
Select pin 0. Internal pull-up.
4, 5
VDD
Power
Connect to +3.3 V.
6
S1
Input
Select pin 1. Internal pull-up.
7
GND
Power
Connect to ground.
8
S3
Input
Select pin 3. Internal pull-down.
9PD
Input
Powerdown when held low. Internal pull-up.
10
S2
Input
Select pin 2. Internal pull-up.
11
CLK1
Output
Clock output.
12
VDD
Power
Connect to +3.3 V.
13
CLK5
Output
Clock output.
14
CLK4
Output
Clock output.
15
GND
Power
Connect to ground.
16
CLK3
Output
Clock output.
17
CLK2
Output
Clock output.
18
VDD
Power
Connect to +3.3 V.
19
GND
Power
Connect to ground.
20
X2
XO
Crystal connection. Connect to a 10-27 MHz fundamental parallel mode
crystal or leave unconnected for clock input.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com