Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS613M Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS613M
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS613M Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS613M Datasheet HTML 1Page - Integrated Circuit Systems ICS613M Datasheet HTML 2Page - Integrated Circuit Systems ICS613M Datasheet HTML 3Page - Integrated Circuit Systems ICS613M Datasheet HTML 4Page - Integrated Circuit Systems ICS613M Datasheet HTML 5Page - Integrated Circuit Systems ICS613M Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LOW PHASE NOISE CLOCK MULTIPLIER
MDS 613 C
5
Revision 111204
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS613
Maximum Output Jitter,
short term
tJ
CL=15pF, 125MHz output
±30
±60
ps
Maximum one sigma jitter
tSJ
CL=15pF, 125MHz output
8
20
ps
Phase Noise, relative to
carrier, 125 MHz
100 Hz offset
-90
dBc/Hz
Phase Noise, relative to
carrier, 125 MHz
1 kHz offset
-115
dBc/Hz
Phase Noise, relative to
carrier, 125 MHz
10 kHz offset
-120
dBc/Hz
Phase Noise, relative to
carrier, 125 MHz
100 kHz offset
-115
dBc/Hz
Skew
VDDO1=VDDO2
0
250
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com