Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9141 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA9141
Description  High-Performance, 25 A/40 A Peak, DC-DC Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9141 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA9141 Datasheet HTML 1Page - Dialog Semiconductor DA9141 Datasheet HTML 2Page - Dialog Semiconductor DA9141 Datasheet HTML 3Page - Dialog Semiconductor DA9141 Datasheet HTML 4Page - Dialog Semiconductor DA9141 Datasheet HTML 5Page - Dialog Semiconductor DA9141 Datasheet HTML 6Page - Dialog Semiconductor DA9141 Datasheet HTML 7Page - Dialog Semiconductor DA9141 Datasheet HTML 8Page - Dialog Semiconductor DA9141 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
DA9141
High-Performance, 25 A/40 A Peak, DC-DC Converter
Datasheet
Revision 1.6
25-Aug-2021
CFR0011-120-00
4 of 46
© 2021 Dialog Semiconductor
Table 45: BUCK_BUCK1_4 (0x0024) ................................................................................................. 38
Table 46: BUCK_BUCK1_5 (0x0025) ................................................................................................. 39
Table 47: BUCK_BUCK1_6 (0x0026) ................................................................................................. 39
Table 48: BUCK_BUCK1_7 (0x0027) ................................................................................................. 40
Table 49: OTP_DEVICE_ID (0x0048) ................................................................................................. 40
Table 50: OTP_VARIANT_ID (0x0049)............................................................................................... 40
Table 51: OTP_CUSTOMER_ID (0x004A) ......................................................................................... 41
Table 52: OTP_CONFIG_ID (0x004B) ................................................................................................ 41
Table 53: MSL Classification ............................................................................................................... 43
Table 54: Ordering Information for Consumer / Industrial Applications .............................................. 44
Table 55: Ordering Information for Automotive Applications............................................................... 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com