Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9142 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9142
Description  High-Performance, 13 A/20 A Peak, DC-DC Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9142 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9142 Datasheet HTML 17Page - Dialog Semiconductor DA9142 Datasheet HTML 18Page - Dialog Semiconductor DA9142 Datasheet HTML 19Page - Dialog Semiconductor DA9142 Datasheet HTML 20Page - Dialog Semiconductor DA9142 Datasheet HTML 21Page - Dialog Semiconductor DA9142 Datasheet HTML 22Page - Dialog Semiconductor DA9142 Datasheet HTML 23Page - Dialog Semiconductor DA9142 Datasheet HTML 24Page - Dialog Semiconductor DA9142 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DA9142
High-Performance, 13 A/20 A Peak, DC-DC Converter
Datasheet
Revision 1.6
25-Aug-2021
CFR0011-120-00
21 of 46
© 2021 Dialog Semiconductor
5.4
I2C Communication
All features of DA9142 can be controlled with the I2C interface, which is enabled or disabled as an
OTP setting.
I2C
Description
Disabled
SCL/GPIO3 and SDA/GPIO4 pins can be used as
GPIO
Enabled
SCL/GPIO3 and SDA/GPIO4 pins are used as I2C
clock input and I2C data input/output.
GPIO3 functions as the I2C clock (SCL) and GPIO4 carries all the power manager bidirectional I2C
data (SDA). The I2C interface is open drain supporting multiple devices on a single line. The bus lines
have to be pulled high by external pull-up resistors (2
kΩ to 20 kΩ). The standard frequency of the
I2C bus is 1 MHz in fast-mode plus (FM+), 400 kHz in fast-mode, or 100 kHz in standard mode.
5.4.1
I2C Protocol
All data is transmitted across the I2C bus in eight-bit groups. To send a bit, the SDA line is driven
towards the intended state while the SCL is low (a low SDA indicates a zero bit). Once the SDA has
settled, the SCL line is brought high and then low. This pulse on SCL clocks the SDA bit into the
receiver’s shift register.
A two-byte serial protocol is used containing one byte for address and one byte for data. Data and
address transfer are transmitted MSB first for both read and write operations. All transmissions begin
with the START condition from the master while the bus is in idle state (the bus is free). It is initiated
by a high to low transition on the SDA line while the SCL is in the high state (a STOP condition is
indicated by a low to high transition on the SDA line while the SCL is in the high state).
SCL
SDA
Figure 6: I2C START and STOP Condition Timing
The I2C bus is monitored for a valid slave address whenever the interface is enabled. It responds
immediately when it receives its own slave address. The acknowledge is done by pulling the SDA
line low during the following clock cycle (white blocks marked with A in Figure 7 and Figure 8).
The protocol for a register write from master to slave consists of a START condition, a slave address
with read/write bit, and the eight-bit register address followed by eight bits of data, terminated by a
STOP condition. DA9142 responds to all bytes with acknowledge (A), see Figure 7.
SLAVEadr
W
REGadr
A
DATA
A
P
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Master to Slave
Slave to Master
7-bits
1-bit
8-bits
8-bits
A
S
Figure 7: I2C Byte Write (SDA Line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com