Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9230 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA9230
Description  Ultra-Low Quiescent Current Buck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9230 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA9230 Datasheet HTML 1Page - Dialog Semiconductor DA9230 Datasheet HTML 2Page - Dialog Semiconductor DA9230 Datasheet HTML 3Page - Dialog Semiconductor DA9230 Datasheet HTML 4Page - Dialog Semiconductor DA9230 Datasheet HTML 5Page - Dialog Semiconductor DA9230 Datasheet HTML 6Page - Dialog Semiconductor DA9230 Datasheet HTML 7Page - Dialog Semiconductor DA9230 Datasheet HTML 8Page - Dialog Semiconductor DA9230 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
DA9230
Ultra-Low Quiescent Current Buck
Datasheet
Revision 3.0
27-Feb-2020
CFR0011-120-00
4 of 47
© 2020 Dialog Semiconductor
Figure 18: Buck VOUT = 1.3 V .............................................................................................................. 20
Figure 19: Buck VOUT = 0.9 V .............................................................................................................. 20
Figure 20: Buck VOUT = 0.6 V .............................................................................................................. 20
Figure 21: Buck VOUT = 1.9 V .............................................................................................................. 21
Figure 22: Buck VOUT = 1.2 V .............................................................................................................. 21
Figure 23: Buck VOUT = 0.9 V .............................................................................................................. 21
Figure 24: Buck VOUT = 0.6 V .............................................................................................................. 21
Figure 25: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 1 mA ................................................... 22
Figure 26: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 10 mA ................................................. 22
Figure 27: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 100 mA ........................................... 22
Figure 28: Buck VIN = 3.6 V, Buck VOUT = 1.8 V, Buck ILOAD = 300 mA ............................................... 22
Figure 29: Buck ILOAD = 10 mA to 300 mA to 10 mA (0.3 A/µs); Buck VIN = 3.6 V, Buck VOUT = 1.8 V 23
Figure 30: Buck ILOAD = 100 mA to 300 mA to 100 mA (0.2 A/µs); Buck VIN = 3.6 V, Buck VOUT = 1.8 V
............................................................................................................................................................. 23
Figure 31: Buck ILOAD = 10 mA to 300 mA to 10 mA (0.3 A/µs); Buck VIN = 3.6 V, Buck VOUT = 1.2 V 23
Figure 32: Buck ILOAD = 100 mA to 300 mA to 100 mA (0.2 A/ µs); Buck VIN = 3.6 V, Buck
VOUT = 1.2 V......................................................................................................................................... 23
Figure 33: Buck ILOAD = 10 mA to 300 mA to 10 mA (0.3 A/µs); Buck VIN = 3.6 V, Buck VOUT = 0.9 V 23
Figure 34: Buck ILOAD = 100 mA to 300 mA to 100 mA (0.2 A/µs); Buck VIN = 3.6 V, Buck VOUT = 0.9 V
............................................................................................................................................................. 23
Figure 35: Buck ILOAD = 10 mA to 300 mA to 10 mA (0.3 A/µs); Buck VIN = 3.6 V, Buck VOUT = 0.6 V 24
Figure 36: Buck ILOAD = 100 mA to 300 mA to 100mA (0.2 A/µs); Buck VIN = 3.6 V, Buck VOUT = 0.6 V
............................................................................................................................................................. 24
Figure 37: Buck VOUT 0.6 V to 1.2 V; Buck VIN = 3.6 V, Buck ILOAD = 300 mA..................................... 25
Figure 38: Buck VOUT 1.2 V to 0.6 V; Buck VIN = 3.6 V, Buck ILOAD = 300 mA..................................... 25
Figure 39: Buck VOUT 1.3 V to 1.9 V; Buck VIN = 3.6 V, Buck ILOAD = 300 mA..................................... 25
Figure 40: Buck VOUT 1.9 V to 1.3 V; Buck VIN = 3.6 V, Buck ILOAD = 300 mA..................................... 25
Figure 41: Device Enable: Buck VIN = 3.6 V, Buck VOUT 1.8 V, Buck ILOAD = 300 mA......................... 26
Figure 42: VOUT ramp-up after Enabled (Zoom-in of Figure 41) .......................................................... 26
Figure 43: I2C Serial Interface Pins ..................................................................................................... 31
Figure 44: I2C Start and Stop Conditions ............................................................................................ 31
Figure 45: Package Outline Drawing................................................................................................... 44
Tables
Table 1: Pin Description ........................................................................................................................ 8
Table 2: Pin Type Definition .................................................................................................................. 9
Table 3: Absolute Maximum Ratings................................................................................................... 10
Table 4: Recommended Operating Conditions ................................................................................... 11
Table 5: Input Current.......................................................................................................................... 13
Table 6: Buck Output........................................................................................................................... 13
Table 7: GPO - Electrical performance ............................................................................................... 14
Table 8: Analog Core - Electrical performance ................................................................................... 14
Table 9: I2C interface .......................................................................................................................... 15
Table 10: Thermal Characteristics ...................................................................................................... 16
Table 11: Buck Output Voltage Settings ............................................................................................. 27
Table 12: GPO as Power Good Indicator ............................................................................................ 32
Table 13: Event/Status/Mask and User Registers .............................................................................. 33
Table 14: System Reset Registers ...................................................................................................... 34
Table 15: Register EVENT .................................................................................................................. 34
Table 16: Register STATUS ................................................................................................................ 35
Table 17: Register MASK .................................................................................................................... 36
Table 18: Register GPO ...................................................................................................................... 36
Table 19: Register BUCK .................................................................................................................... 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com