Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9233 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9233 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA9233 Datasheet HTML 1Page - Dialog Semiconductor DA9233 Datasheet HTML 2Page - Dialog Semiconductor DA9233 Datasheet HTML 3Page - Dialog Semiconductor DA9233 Datasheet HTML 4Page - Dialog Semiconductor DA9233 Datasheet HTML 5Page - Dialog Semiconductor DA9233 Datasheet HTML 6Page - Dialog Semiconductor DA9233 Datasheet HTML 7Page - Dialog Semiconductor DA9233 Datasheet HTML 8Page - Dialog Semiconductor DA9233 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100mA LDO
Datasheet
Revision 2.0
22-Jan-2019
CFR0011-120-00 Rev 5
4 of 49
© 2019 Dialog Semiconductor
Figure 10: LDO VOUT = 0.8 V ............................................................................................................... 19
Figure 11: LDO VOUT = 1.8 V ............................................................................................................... 19
Figure 12: LDO VOUT = 2.0 V ............................................................................................................... 19
Figure 13: LDO VOUT = 3.3 V............................................................................................................... 19
Figure 14: LDO ILOAD = 5 mA to 100 mA to 5 mA (0.1 A / 1 µs) .......................................................... 20
Figure 15: LDO ILOAD = 5 mA to 100 mA to 5 mA (0.1 A / 1 µs) .......................................................... 20
Figure 16: LDO ILOAD = 5 mA to 100 mA to 5 mA (0.1 A / 1 µs) .......................................................... 20
Figure 17: LDO VIN = 3.7 V, LDO No Load.......................................................................................... 21
Figure 18: LDO VIN = 3.7 V, LDO ILOAD = 100 mA ............................................................................... 21
Figure 19: I2C Serial Interface Pins ..................................................................................................... 28
Figure 20: I2C Start and Stop Conditions ............................................................................................ 28
Figure 21: Package Outline Drawing................................................................................................... 46
Tables
Table 1: Pin Description ........................................................................................................................ 7
Table 2: Pin Type Definition .................................................................................................................. 8
Table 3: Absolute Maximum Ratings..................................................................................................... 9
Table 4: Recommended Operating Conditions ................................................................................... 10
Table 5: Input Current.......................................................................................................................... 12
Table 6: Buck Output........................................................................................................................... 12
Table 7: GPO - Electrical performance ............................................................................................... 13
Table 8: Analog Core - Electrical performance ................................................................................... 13
Table 9: I2C interface .......................................................................................................................... 14
Table 10: Thermal Characteristics ...................................................................................................... 16
Table 11: Buck Output Voltage Settings ............................................................................................. 22
Table 12: LDO Output Voltages Settings ............................................................................................ 26
Table 13: GPO as Power Good Indicator ............................................................................................ 29
Table 14: Event/Status/Mask and User Registers .............................................................................. 31
Table 15: System Registers ................................................................................................................ 32
Table 16: Register EVENT .................................................................................................................. 32
Table 17: Register STATUS ................................................................................................................ 33
Table 18: Register MASK .................................................................................................................... 34
Table 19: Register GPO ...................................................................................................................... 35
Table 20: Register BUCK .................................................................................................................... 36
Table 21: Register BUCK_CFG .......................................................................................................... 39
Table 22: Register LS_LDO ................................................................................................................ 40
Table 23: Register FAULT_CTL .......................................................................................................... 42
Table 24: Register PIN_MONTOR ...................................................................................................... 42
Table 25: Register SYS_RST_EVENT................................................................................................ 43
Table 26: Register SYS_SRST ........................................................................................................... 43
Table 27: Register SYS_DEVICE_ID ................................................................................................. 44
Table 28: Register SYS_VARIANT_ID............................................................................................... 44
Table 29: Register SYS_CONFIG_ID ................................................................................................ 45
Table 30: MSL Classification ............................................................................................................... 47
Table 31: Ordering Information ........................................................................................................... 48
Table 32: OTP List............................................................................................................................... 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com