Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14683 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA14683
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security
PDF  469 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14683 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA14683 Datasheet HTML 17Page - Dialog Semiconductor DA14683 Datasheet HTML 18Page - Dialog Semiconductor DA14683 Datasheet HTML 19Page - Dialog Semiconductor DA14683 Datasheet HTML 20Page - Dialog Semiconductor DA14683 Datasheet HTML 21Page - Dialog Semiconductor DA14683 Datasheet HTML 22Page - Dialog Semiconductor DA14683 Datasheet HTML 23Page - Dialog Semiconductor DA14683 Datasheet HTML 24Page - Dialog Semiconductor DA14683 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 469 page
background image
Datasheet
Revision 3.4
24-Nov-2020
CFR0011-120-01
21 of 469
© 2019-2020 Dialog Semiconductor
DA14683
Bluetooth Low Energy 5.0 SoC with Enhanced Security
FINAL
Table 6: OTP header details
Address
Size (B)
Field name
Description
0x30084000
184
Chip Configuration Section (CCS)
0x7F8E9C0
8
Mirrored/Cached At startup
0: Mirrored
1: Cached
0x7F8E9C8
8
Non-Volatile Memory
0: FLASH
Anything else: OTP
0x7F8E9D0
8
Product Ready
0x00: OTP or FLASH not programmed
0xAA: OTP or FLASH programmed
0x7F8E9D8
8
Redundancy
0xAA: No redundancy used
Anything else: Redundancy active
0x7F8E9E0
8
Reserved
Reserved
0x7F8E9E8
8
Shuffle RAMs
Defines the sequence of the RAM cells in a continu-
ous memory space
0x0: DataRAM1, DataRAM2, DataRAM3
0x1: DataRAM2, DataRAM1, DataRAM3
0x2: DataRAM3, DataRAM1, DataRAM2
0x3: DataRAM3, DataRAM2, DataRAM1
DataRAM1=8KB, DataRAM2=24KB,
DataRAM3=32KB"
0x7F8E9F0
8
JTAG
0x0: Enabled
0x1: Disabled
0x7F8E9F8
8
Sleep Clock
0x0: XTAL32
0x1: RCX
0x7F8EA00
8
Position/Package
B7-B4: Reserved. Keep these values to 0
B3:
0x00 – WLCSP
0x55 – aQFN60(DA14681/DA15101)
0x99 – KGD
B2: Wafer number
B1: Y coord,
B0: X coord.
0x7F8EA08
8
Tester/Timestamp1
B7: Reserved
B6: Tester ID (MSByte)
B5: Tester ID (LSByte)
B4: Tester Site
B3: TimeStamp Byte 3
B2: TimeStamp Byte 2
B1: TimeStamp Byte 1
B0: TimeStamp Byte 0
0x7F8EA10
8
Mirror Image Length
Contains the size of the image to be mirrored
(unit: 32-bit words)
0x7F8EA18
8
Reserved
0x7F8EA20
8
Chip ID
ASCII code for “14683“



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com