Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16200 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA16200
Description  Ultra Low Power Wi-Fi SoC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA16200 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA16200 Datasheet HTML 17Page - Dialog Semiconductor DA16200 Datasheet HTML 18Page - Dialog Semiconductor DA16200 Datasheet HTML 19Page - Dialog Semiconductor DA16200 Datasheet HTML 20Page - Dialog Semiconductor DA16200 Datasheet HTML 21Page - Dialog Semiconductor DA16200 Datasheet HTML 22Page - Dialog Semiconductor DA16200 Datasheet HTML 23Page - Dialog Semiconductor DA16200 Datasheet HTML 24Page - Dialog Semiconductor DA16200 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
DA16200
Ultra Low Power Wi-Fi SoC
Datasheet
Revision 3.3
03-Feb-2021
CFR0011-120-00
21 of 94
© 2021 Dialog Semiconductor
5.4
Radio Characteristics
5.4.1
WLAN Receiver Characteristics
TA = +25 °C, VBAT = 3.3 V. Parameters are measured at ANT pin on CH1 (2412 MHz).
Table 12: WLAN Receiver Characteristics
– QFN
Parameter
Condition
Min
Typ
Max
Units
Sensitivity
(8 % PER for 11b rates,
10 % PER for 11g/11n rates)
1 Mbps DSSS
-100.5
-99.5
-97.5
dBm
2 Mbps DSSS
-96
-95
-93
11 Mbps CCK
-91
-90
-88
6 Mbps OFDM
-92
-91
-89
9 Mbps OFDM
-92
-91
-89
18 Mbps OFDM
-90
-89
-87
36 Mbps OFDM
-83
-82
-80
54 Mbps OFDM
-77
-76
-74
MCS0(GF)
-92
-91
-89
MCS7(GF)
-74
-73
-71
Maximum input level
(8 % PER for 11b rates,
10 % PER for 11g/11n rates)
802.11b
-4
0
0
802.11g
-10
-4
-3
Table 13: WLAN Receiver Characteristics
– fcCSP
Parameter
Condition
Min
Typ
Max
Units
Sensitivity
(8 % PER for 11b rates,
10 % PER for 11g/11n rates)
1Mbps DSSS
-100.5
-99.5
-97.5
dBm
2Mbps DSSS
-96
-95
-93
11Mbps CCK
-91
-90
-88
6Mbps OFDM
-92
-91
-89
9Mbps OFDM
-92
-91
-89
18Mbps OFDM
-90
-89
-87
36Mbps OFDM
-83
-82
-80
54Mbps OFDM
-77
-76
-74
MCS0(GF)
-92
-91
-89
MCS7(GF)
-74
-73
-71
Maximum input level
(8 % PER for 11b rates,
10 % PER for 11g/11n rates)
802.11b
-4
0
0
802.11g
-10
-4
-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com