Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1676 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # IW1676
Description  Low Power Off-Line Digital Green-Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1676 Datasheet(HTML) 4 Page - Dialog Semiconductor

  IW1676 Datasheet HTML 1Page - Dialog Semiconductor IW1676 Datasheet HTML 2Page - Dialog Semiconductor IW1676 Datasheet HTML 3Page - Dialog Semiconductor IW1676 Datasheet HTML 4Page - Dialog Semiconductor IW1676 Datasheet HTML 5Page - Dialog Semiconductor IW1676 Datasheet HTML 6Page - Dialog Semiconductor IW1676 Datasheet HTML 7Page - Dialog Semiconductor IW1676 Datasheet HTML 8Page - Dialog Semiconductor IW1676 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
iW1676
Low Power Off-Line Digital Green-Mode PWM Controller
Rev. 1.7
Datasheet
© 2020 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 16
12-Feb-2020
5 Absolute Maximum Ratings
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded. For
maximum safe operating conditions, refer to Electrical Characteristics in Section 6.
Parameter
Symbol
Value
Units
DC supply voltage range (pin 1, ICC = 20mA max)
VCC
-0.3 to 18.0
V
Continuous DC supply current at VCC pin (VCC = 15V)
ICC
20
mA
Output (pin 5)
-0.3 to 4.0
V
VSENSE input (pin 3, IVsense ≤ 10mA)
-0.7 to 4.0
V
ISENSE input (pin 4)
-0.3 to 4.0
V
Maximum junction temperature
TJMAX
150
°C
Storage temperature
TSTG
-65 to 150
°C
Thermal Resistance Junction-to-Ambient
θJA
190
°C/W
ESD rating per JEDEC JS-001-2017
±2,000
V
Latch-Up test per JESD78E
±100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com