Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YPD Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # YPD
Description  Plug-in Signal Conditioners M-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

YPD Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  YPD Datasheet HTML 1Page - M-System Co.,Ltd. YPD Datasheet HTML 2Page - M-System Co.,Ltd. YPD Datasheet HTML 3Page - M-System Co.,Ltd. YPD Datasheet HTML 4Page - M-System Co.,Ltd. YPD Datasheet HTML 5Page - M-System Co.,Ltd. YPD Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: YPD
YPD SPECIFICATIONS
ES-1369 Rev.13 Page 1/6
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
PULSE ISOLATOR
(built-in excitation)
Functions & Features
• Galvanically isolating pulse rate signals
• Input frequency = output frequency
• Various outputs (relay, open collector and voltage pulses)
• Excitation
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Isolating field pulse signals in order to reduce noises
• Changing e.g. dry contact signal to e.g. 5 V signals
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: YPD–[1][2][3][4][5]–[6][7]
ORDERING INFORMATION
• Code number: YPD-[1][2][3][4][5]-[6][7]
Specify a code from below for each of [1] through [7].
(e.g. YPD-D4A23N-B/Q)
• Frequency range (e.g. 0 – 5 Hz)
• Use Ordering Information Sheet (No. ESU-1369) for pulse
width settings of DC voltage pulse input or one-shot output.
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
A: Dry contact
B: DC Voltage pulse (Specify sensitivity)
C: 5 V pulse (sensitivity 2 V)
D: 12 V/24 V pulse (sensitivity 5 V)
H: Two-wire current pulse
[2] EXCITATION
1: 5 V DC / 80 mA
4: 12 V DC / 40 mA
[3] OUTPUT
A1: Open collector (max. frequency 100 kHz)
A2: Open collector (max. frequency 10 Hz)
M1: 5 V pulse (max. frequency 100 kHz)
M2: 5 V pulse (max. frequency 10 Hz)
N1: 12 V pulse (max. frequency 100 kHz)
N2: 12 V pulse (max. frequency 10 Hz)
H: Relay contact (max. frequency 0.5 Hz)
[4] OUTPUT PULSE WIDTH
1: Equal to the input
2: One-shot output (≤ 30 ms; std. pulse width 5 ms)
(Specify when optional pulse width is required.)
(10 ms for relay contact pulse)
3: One-shot output (≥ 30 ms; std. pulse width 50 ms)
(Specify when optional pulse width is required.)
[5] OUTPUT LOGIC
N: The same as the input
R: Inverted
[6] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
[7] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel


Similar Description - YPD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com