Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WYPD Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # WYPD
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WYPD Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  WYPD Datasheet HTML 1Page - M-System Co.,Ltd. WYPD Datasheet HTML 2Page - M-System Co.,Ltd. WYPD Datasheet HTML 3Page - M-System Co.,Ltd. WYPD Datasheet HTML 4Page - M-System Co.,Ltd. WYPD Datasheet HTML 5Page - M-System Co.,Ltd. WYPD Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: WYPD
WYPD SPECIFICATIONS
ES-2276 Rev.14 Page 3/6
http://www.m-system.co.jp/
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ± 2 Hz, approx. 2.5 VA
•DC: Operational voltage range: rating ±10 %,
ripple 10 %p-p max., approx. 2 W (80 mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
2000 V AC @1 minute (input to output 1 or output 2 to
power to ground)
1000 V AC @1 minute (output 1 to output 2)
EXTERNAL VIEW
Front Cover (open)
Pulse Width Adj.
Sensitivity Adj.
Excitation Adj.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com