Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-27 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS650-27
Description  Networking Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-27 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS650-27 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Networking Clock Source
MDS 650-27 D
2
Revision 070505
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS650-27
Pin Assignment
Pin Descriptions
13
4
12
5
11
ASC1
8
9
10
VDD
CLKC2
CLKA2
CCS
CLKB2
DC
17
16
CLKB1
3
X1/ICLK
VDD
CLKA1
18
REFOUT
1
ASC0
X2
BCS0
20
BCS1
19
14
2
7
GND
CLKC1
OE
GND
15
6
20-pin (150 mil) SSOP
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ACS0
Input
A clock select 0. Selects outputs on CLKA1 and CLKA2 per table on page 3.
2
X2
Input
Crystal connection. Connect to a fundamental crystal or leave unconnected for a clock
input.
3
X1/ICLK
Input
Crystal connection. Connect to a fundamental crystal or clock input.
4
VDD
Power
Connect to +3.3 V or 5 V. Must be the same as pin 16.
5
ACS1
Input
A clock select 1. Selects outputs on CLKA1 and CLKA2 per table on page 3. Internal
pull-up.
6
GND
Power
Connect to ground.
7
CLKC1
Output
Output Clock C1. Depends on setting of CCS per table on page 3.
8
CLKC2
Output
Output Clock C2. Depends on setting of CCS per table on page 3. Same as CLKC1.
9
CLKB2
Output
Output Clock B2. Depends on setting of BCS1, 0 per table on page 3.
10
CLKB1
Output
Output Clock B1. Depends on setting of BCS1, 0 per table on page 3.
11
CCS
Input
Clock C select pin. Selects outputs on CLKC1 and CLKC2 per table on page 3.
12
DC
-
Don’t connect. Do not connect anything to this pin.
13
CLKA2
Output
Output Clock A2. Depends on setting of ACS1, 0 per table on page 3.
14
GND
Power
Connect to ground.
15
OE
Input
Output enable. Tri-states all outputs when low. Internal pull-up.
16
VDD
Power
Connect to +3.3 V or 5 V. Must be the same as pin 4.
17
CLKA1
Output
Output Clock A1. Depends on setting of ACS1, 0 per table on page 3.
18
REFOUT
Output
Buffered reference clock output. Same frequency as crystal or clock input.
19
BCS0
Input
B clock select 0. Selects outputs on CLKB1 and CLKB2 per table on page 3.
20
BCS1
Input
B clock select 1. Selects outputs on CLKB1 and CLKB2 per table on page 3. Internal
pull-up.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com