Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-41 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS650-41
Description  Spread Spectrum Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-41 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS650-41 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-41 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-41 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-41 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-41 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-41 Datasheet HTML 6Page - Integrated Circuit Systems ICS650-41 Datasheet HTML 7Page - Integrated Circuit Systems ICS650-41 Datasheet HTML 8Page - Integrated Circuit Systems ICS650-41 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Spread Spectrum Clock Synthesizer
MDS 650-41 F
3
Revision 082305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS650-41
Pin Descriptions
External Components
Decoupling Capacitor
As with any high-performance mixed-signal IC, the
ICS650-41 must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between each VDD and the PCB ground plane.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a
commonly used trace impedance), place a 33
Ω resistor
in series with the clock line, as close to the clock output
pin as possible. The nominal impedance of the clock
output is 20
Ω.
Crystal Load Capacitors
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to
ground. These capacitors are used to adjust the stray
capacitance of the board to match the nominally
required crystal load capacitance. Because load
capacitance can only be increased in this trimming
process, it is important to keep stray capacitance to a
minimum by using very short PCB traces (and no vias)
between the crystal and device. Crystal capacitors
must be connected from each of the pins X1 and X2 to
ground.
The value (in pF) of these crystal caps should equal
(CL -6 pF)*2. In this equation, CL= crystal load
capacitance in pF. Example: For a crystal with a 16 pF
load capacitance, each crystal capacitor would be 20
pF [(16-6) x 2] = 20.
Pin
Number
Pin Name
Pin
Type
Pin Description
1
X1/CLKIN
Input
Crystal input. Connect this pin to a 25 MHz crystal or external input
clock.
2
FS0
Input
Select pin 0. Internal pull-up resistor. See table on page 2.
3
FS1
Input
Select pin 1. Internal pull-up resistor. See table on page 2.
4
SS_EN
Input
Spread spectrum enable pin. Internal pull-up resistor. Enabled = high.
5
VDD
Power
Connect to +3.3 V.
6
GND
Power
Connect to ground.
7
FS3
Input
Select pin 3. Internal pull-up resistor. See table on page 2.
8
48M
Output
Fixed 48 MHz output. Weak internal pull-down when tri-state.
9
50M
Output
Spread Spectrum output. Weak internal pull-down when tri-stated.
10
VDDO
Power
Connect to +2.5 V.
11
GND
Power
Connect to ground.
12
VDD
Power
Connect to +3.3 V.
13
FS2
Input
Select pin 2. Internal pull-up resistor. See table on page 2.
14
PDTS
Input
Powers down entire chip. Tri-states CLK outputs when low. Internal
pull-up.
15
VDD
Power
Connect to +3.3 V.
16
X2
Output
Crystal Output. Connect this pin to a 25 MHz crystal. Do not connect if
clock input is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com