Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

650GI41L Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # 650GI41L
Description  Spread Spectrum Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

650GI41L Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button 650GI41L Datasheet HTML 3Page - Integrated Circuit Systems 650GI41L Datasheet HTML 4Page - Integrated Circuit Systems 650GI41L Datasheet HTML 5Page - Integrated Circuit Systems 650GI41L Datasheet HTML 6Page - Integrated Circuit Systems 650GI41L Datasheet HTML 7Page - Integrated Circuit Systems 650GI41L Datasheet HTML 8Page - Integrated Circuit Systems 650GI41L Datasheet HTML 9Page - Integrated Circuit Systems 650GI41L Datasheet HTML 10Page - Integrated Circuit Systems 650GI41L Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Spread Spectrum Clock Synthesizer
MDS 650-41 F
9
Revision 082305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS650-41
Thermal Characteristics
Marking Diagram
Notes:
1. ###### is the lot number.
2. YYWW is the last two digits of the year and the week number that the part was assembled.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
78
°C/W
θ
JA
1 m/s air flow
70
°C/W
θ
JA
3 m/s air flow
68
°C/W
Thermal Resistance Junction to Case
θ
JC
37
°C/W
8
16
9
650GI41L
######
YYWW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com