Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-SC591 Datasheet(PDF) 5 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 5 Page - Analog Devices

  ADSP-SC591 Datasheet HTML 1Page - Analog Devices ADSP-SC591 Datasheet HTML 2Page - Analog Devices ADSP-SC591 Datasheet HTML 3Page - Analog Devices ADSP-SC591 Datasheet HTML 4Page - Analog Devices ADSP-SC591 Datasheet HTML 5Page - Analog Devices ADSP-SC591 Datasheet HTML 6Page - Analog Devices ADSP-SC591 Datasheet HTML 7Page - Analog Devices ADSP-SC591 Datasheet HTML 8Page - Analog Devices ADSP-SC591 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 143 page
background image
Rev. PrD
|
Page 5 of 143
|
May 2021
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
Preliminary Technical Data
Table 1. Processor Features1
Processor Feature
ADSP-21591
ADSP-21593
ADSP-21594
ADSP-SC591
ADSP-SC592
ADSP-SC594
Arm Cortex-A5 (MHz, Maximum)2
N/A
600, 800
1000
800, 1000
Arm Core L1 Cache (I, D kB)
32, 32
Arm Core L2 Cache (kB)
256
SHARC+ Core1 (MHz, Maximum)2
800
800, 1000
600, 800
1000
800, 1000
SHARC+ Core2 (MHz, Maximum)2
N/A
SHARC L1 SRAM (kB)
2 × 640
1 × 640
2 × 640
System Memory
L2 SRAM (Shared) (MB)
1
2
1
2
DDR3/DDR3L Controller (16-Bit)
1
Hardware Accelerators
FIRs Per SHARC+ Core
1
IIRs Per SHARC+ Core
4
Security Cryptographic Engine
Yes
DAI (Includes SRU and DRU)
2
Full SPORTs
8 (4 per DAI)
S/PDIF Receive/Transmit
2 (1 per DAI)
ASRCs
8 (4 per DAI)
PCGs
8 (4 per DAI)
4-Channel PDM MIC Input
2 (1 per DAI)
Pin Buffers
28 (14 per DAI)
40 (20 per DAI)
Multiplexed Peripherals
MLB 3-Pin
Yes3
Link Ports
2
GP Counter
1
I2C (TWI)
6
Watchdog Timers
3
GP Timers
164
Octal SPI
1
Quad-Data Bit SPI
2
Dual-Data Bit SPI
1
2
UARTs
3
4
ePPI
N/A
1
USB 2.0 HS OTG Controller
N/A
1
EMAC Std
10/100
EMAC Std/AVB + Timer IEEE 1588
10/100/1000
CAN FD
23
MLB 6-Pin
N/A
Yes3
Multichannel 12-Bit ADC
4-channel
8-channel5
GPIO Ports
Port A to Port C
Port A to Port I
GPIO + DAI Pins
40 + 28
135 + 40
Package Options
400- ball BGA_ED
ADSP-2156x Pin-Compatible
Yes6
No
1 N/A means not applicable.
2 Multiple values indicate various speed grades. See Planned Production Products.
3 Applies to automotive models only. See Planned Automotive Production Products.
4 For the ADSP-21591 and ADSP-21593 models, GP timer instances TIMER10-TIMER15 are not brought out to package pins and must only be configured for internal modes
of operation.
5 The HADC can support up to 7 additional channels using an external multiplexer.
6 Pin compatible with the ADSP-21566, ADSP-21567, and ADSP-21569.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com