Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8442I Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8442I
Description  700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8442I Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8442I Datasheet HTML 6Page - Integrated Circuit Systems ICS8442I Datasheet HTML 7Page - Integrated Circuit Systems ICS8442I Datasheet HTML 8Page - Integrated Circuit Systems ICS8442I Datasheet HTML 9Page - Integrated Circuit Systems ICS8442I Datasheet HTML 10Page - Integrated Circuit Systems ICS8442I Datasheet HTML 11Page - Integrated Circuit Systems ICS8442I Datasheet HTML 12Page - Integrated Circuit Systems ICS8442I Datasheet HTML 13Page - Integrated Circuit Systems ICS8442I Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
8442AYI
www.icst.com/products/hiperclocks.html
REV. C MAY 10, 2005
10
Integrated
Circuit
Systems, Inc.
ICS8442I
700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL
LVDS FREQUENCY SYNTHESIZER
The schematic of the ICS8442I layout example used in this lay-
out guideline is shown in
Figure 5A. The ICS8442I recommended
PCB board layout for this example is shown in
Figure 5B. This
layout example is used as a general guideline. The layout in the
LAYOUT GUIDELINE
FIGURE 5A. RECOMMENDED SCHEMATIC LAYOUT
actual system will depend on the selected component types, the
density of the components, the density of the traces, and the
stack up of the P.C. board.
+
-
VDDA
C14
0.1u
C2
VDD
C16
10u
Zo = 50 Ohm
U1
ICS8442
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
M5
M6
M7
M8
N0
N1
nc
GND
MR
S_CLOCK
S_DATA
S_LOAD
VDDA
nXTAL_SEL
T_CLK
X_OUT
C15
0.1u
Zo = 50 Ohm
+
-
C1
R7
10
Zo = 50 Ohm
Zo = 50 Ohm
C11
0.01u
R1
100
X1
R2
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com