Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8523I Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8523I
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8523I Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8523I Datasheet HTML 6Page - Integrated Circuit Systems ICS8523I Datasheet HTML 7Page - Integrated Circuit Systems ICS8523I Datasheet HTML 8Page - Integrated Circuit Systems ICS8523I Datasheet HTML 9Page - Integrated Circuit Systems ICS8523I Datasheet HTML 10Page - Integrated Circuit Systems ICS8523I Datasheet HTML 11Page - Integrated Circuit Systems ICS8523I Datasheet HTML 12Page - Integrated Circuit Systems ICS8523I Datasheet HTML 13Page - Integrated Circuit Systems ICS8523I Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
8523BGI
www.icst.com/products/hiperclocks.html
REV. C SEPTEMBER 16, 2004
10
Integrated
Circuit
Systems, Inc.
ICS8523I
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
SCHEMATIC EXAMPLE
Figure 5 shows a schematic example of the ICS8523I. In this
example, the input is driven by an ICS HiPerClockS HSTL driver.
The decoupling capacitors should be physically located near the
1.8V
LVHSTL Driver
Zo = 50
Zo = 50
C2
0.1u
R5
50
R6
50
R10
50
1.8V
R11
1K
R3
50
Zo = 50 Ohm
U3
8523
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
GND
CLK_EN
CLK_SEL
CLK
nCLK
PCLK
nPCLK
NC
NC
VDD
nQ3
Q3
VDDO
nQ2
Q2
nQ1
Q0
nQ0
VDDO
Q1
Zo = 50
+
-
Zo = 50 Ohm
Zo = 50
R4
50
R12
1K
R1
50
1.8V
1.8V
+
-
R7
50
R2
50
3.3V
C3
0.1u
R9
50
+
-
Zo = 50
R8
50
+
-
Zo = 50
3.3V
Zo = 50
Zo = 50
C1
0.1u
FIGURE 5. ICS8523I HSTL BUFFER SCHEMATIC EXAMPLE
power pin. For ICS8523I, the unused clock outputs can be left
floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com