Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM3029BCBZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADUCM3029BCBZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3029BCBZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADUCM3029BCBZ-R7 Datasheet HTML 10Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 11Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 12Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 13Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 14Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 15Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 16Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 17Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 14 of 39
I2C Specifications
Table 14.
Parameter
Symbol
Min
Typ
Max
Unit
I2C SCLK FREQUENCY
Standard Mode
100
kHz
Fast Mode
400
kHz
General-Purpose Port Timing
Table 15.
Parameter
Symbol
Min
Typ
Max
Unit
TIMING REQUIREMENTS
General-Purpose Port Pin Input Pulse Width
tWFI
4 × tPCLK
ns
tWFI
GPIO INPUT
Figure 12. General-Purpose Timing
RTC1 (FLEX_RTC) Specifications
Table 16.
Parameter
Symbol
Min
Typ
Max
Unit
SENSORSTROBE
Minimum Output Frequency
0.5
Hz
Maximum Output Frequency
16.384
kHz
RTC1 ALARM
Minimum Time Resolution
30.52
µs
Timer Pulse-Width Modulation (PWM) Output Cycle Timing
Table 17.
Parameter
Symbol
Min
Typ
Max
Unit
SWITCHING REQUIREMENTS
Timer Pulse Width Output
tPWMO
(4 × tPCLK) − 6
256 × (216 − 1)
ns
tPWMO
PWM OUTPUTS
Figure 13. Timer PWM Output Cycle Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com