Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB4BA331 Datasheet(PDF) 8 Page - Schneider Electric

Part # ZB4BA331
Description  Harmony XB4, Push button head, metal, flush, green, 횠22, spring return, marked I
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB4BA331 Datasheet(HTML) 8 Page - Schneider Electric

Back Button ZB4BA331 Datasheet HTML 4Page - Schneider Electric ZB4BA331 Datasheet HTML 5Page - Schneider Electric ZB4BA331 Datasheet HTML 6Page - Schneider Electric ZB4BA331 Datasheet HTML 7Page - Schneider Electric ZB4BA331 Datasheet HTML 8Page - Schneider Electric ZB4BA331 Datasheet HTML 9Page - Schneider Electric ZB4BA331 Datasheet HTML 10Page - Schneider Electric ZB4BA331 Datasheet HTML 11Page - Schneider Electric ZB4BA331 Datasheet HTML 12Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Mounting of Adapter (Socket) ZBZ 01•
● 1 2 elongated holes for ZBZ 006 screw access
● 2 1 hole Ø 2.4 mm ± 0.05 / 0.09 in. ± 0.002 for centring adapter ZBZ 01•
● 3 8 × Ø 1.2 mm / 0.05 in. holes
● 4 1 hole Ø 2.9 mm ± 0.05 / 0.11 in. ± 0.002, for aligning the printed circuit board (with cut-out marked a)
● 5 1 elongated hole for aligning the printed circuit board (with cut-out marked b)
● 6 4 holes Ø 2.4 mm / 0.09 in. for clipping in adapter ZBZ 01•
Dimensions An + 18.1 relate to the Ø 2.4 mm ± 0.05 / 0.09 in. ± 0.002 holes for centring adapter ZBZ 01•.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com