Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8516FYILF Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8516FYILF
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8516FYILF Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8516FYILF Datasheet HTML 5Page - Integrated Circuit Systems ICS8516FYILF Datasheet HTML 6Page - Integrated Circuit Systems ICS8516FYILF Datasheet HTML 7Page - Integrated Circuit Systems ICS8516FYILF Datasheet HTML 8Page - Integrated Circuit Systems ICS8516FYILF Datasheet HTML 9Page - Integrated Circuit Systems ICS8516FYILF Datasheet HTML 10Page - Integrated Circuit Systems ICS8516FYILF Datasheet HTML 11Page - Integrated Circuit Systems ICS8516FYILF Datasheet HTML 12Page - Integrated Circuit Systems ICS8516FYILF Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
8516FYI
www.icst.com/products/hiperclocks.html
REV. A JULY 30, 2004
10
Integrated
Circuit
Systems, Inc.
ICS8516I
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8516I is: 1821
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 48 LEAD LQFP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
67.8°C/W
55.9°C/W
50.1°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
FIGURE 4. ICS8516I LVDS BUFFER SCHEMATIC EXAMPLE
C5
0.1u
(U1-12)
Zo = 50 Ohm
Zo = 50 Ohm
(U1-25)
LVDS_input
+
-
(U1-31)
Zo = 50 Ohm
C3
0.1u
C6
0.1u
U1
8516
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
nQ1
Q1
nQ0
Q0
GND
nCLK
CLK
GND
Q15
nQ15
Q14
nQ14
Q6
nQ6
Q7
nQ7
GND
OE1
OE2
GND
nQ8
Q8
nQ9
Q9
Zo = 50 Ohm
R16
100
Zo = 50 Ohm
VDD=3.3V
LVDS_input
+
-
Zo = 50 Ohm
Zo = 50 Ohm
Zo = 50 Ohm
VDD=3.3V
R10
100
C4
0.1u
C2
0.1u
LVDS_Driver
R17
100
LVDS_input
+
-
(U1-1)
Decoupling capacitors located near the power pins
(U1-6)
(U1-36)
R1
100
C1
0.1u
SCHEMATIC EXAMPLE
Figure 4 shows a schematic example of ICS8516I. In this ex-
ample, the input is driven by an LVDS driver. For LVDS buffer, it
is recommended to terminate the unused outputs for better sig-
nal integrity. The decoupling capacitors should be physically
located near the power pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com