Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLPT5447KA Datasheet(PDF) 3 Page - OSRAM GmbH

Part # PLPT5447KA
Description  Projection Professional LED & Laser
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLPT5447KA Datasheet(HTML) 3 Page - OSRAM GmbH

  PLPT5447KA Datasheet HTML 1Page - OSRAM GmbH PLPT5447KA Datasheet HTML 2Page - OSRAM GmbH PLPT5447KA Datasheet HTML 3Page - OSRAM GmbH PLPT5447KA Datasheet HTML 4Page - OSRAM GmbH PLPT5447KA Datasheet HTML 5Page - OSRAM GmbH PLPT5447KA Datasheet HTML 6Page - OSRAM GmbH PLPT5447KA Datasheet HTML 7Page - OSRAM GmbH PLPT5447KA Datasheet HTML 8Page - OSRAM GmbH PLPT5447KA Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PLPT5 447KA
3 Version 0.0 | 2020-07-27
Characteristics
P
opt = 1.6 W; TC = 25 °C
Parameter
Symbol
Values
Operating current 1)
I
op
typ.
max.
1.2 A
1.5 A
Centroid wavelength 2)
λ
centroid
min.
typ.
max.
440 nm
447 nm
460 nm
Optical output power
P
opt
typ.
1.6 W
Beam divergence (1/e²) parallel to pn-junction
Θ
‖
min.
typ.
max.
6 °
10 °
13 °
Beam divergence (1/e²) perpendicular to pn-junction
Θ
┴
min.
typ.
max.
35 °
44 °
50 °
Threshold current
I
th
typ.
max.
0.19 A
0.30 A
Forward voltage 3)4)
V
F
typ.
max.
4.9 V
6.0 V
Total power dissipation
P
tot
typ.
4.3 W
TE polarization
P
TE
typ.
100:1
Thermal resistance junction case real
R
thJC
typ.
13 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com