Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83032I Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS83032I
Description  75MHZ, 3-RD OVERTONE OSCILLATOR W/DUAL LVCMOS/LVTTL OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83032I Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS83032I Datasheet HTML 2Page - Integrated Circuit Systems ICS83032I Datasheet HTML 3Page - Integrated Circuit Systems ICS83032I Datasheet HTML 4Page - Integrated Circuit Systems ICS83032I Datasheet HTML 5Page - Integrated Circuit Systems ICS83032I Datasheet HTML 6Page - Integrated Circuit Systems ICS83032I Datasheet HTML 7Page - Integrated Circuit Systems ICS83032I Datasheet HTML 8Page - Integrated Circuit Systems ICS83032I Datasheet HTML 9Page - Integrated Circuit Systems ICS83032I Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
83032AGI
www.icst.com/products/hiperclocks.html
REV. B FEBRUARY 13, 2006
7
Integrated
Circuit
Systems, Inc.
ICS83032I
75MHZ, 3RD OVERTONE OSCILLATOR
W
/DUAL LVCMOS/LVTTL OUTPUTS
PRELIMINARY
OUTPUTS:
LVCMOS OUTPUT:
All unused LVCMOS output can be left floating. We recommend
that there is no trace attached.
RECOMMENDATIONS FOR UNUSED OUTPUT PINS
APPLICATION INFORMATION
FREQUENCY STABILITY
The table shown below provides a basic guideline in se-
lecting the proper quartz crystal that meets a timing budget
of ±100ppm. For more information on selecting the proper
r
e
t
e
m
a
r
a
Pl
a
c
i
p
y
Ts
t
i
n
U
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F
0
3
±
m
p
p
y
t
il
i
b
a
t
S
y
c
n
e
u
q
e
r
F
0
3
±
m
p
p
s
r
a
e
Y
5
r
o
f
g
n
i
g
A5
1
±m
p
p
3
f
o
y
c
a
r
u
c
c
A
d
r
r
o
t
a
ll
i
c
s
O
e
n
o
t
r
e
v
O0
1
±m
p
p
y
c
a
r
u
c
c
A
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L3
±m
p
p
r
o
r
r
E
g
n
i
m
i
T
l
l
a
r
e
v
O
l
a
t
o
T
8
8
±m
p
p
crystal, see the application note, Crystal Timing Budget
and Accuracy for FemtoClock™ .



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com