Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLDS90A Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLDS90A
Description  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLDS90A Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLDS90A_3 Datasheet HTML 1Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 2Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 3Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 4Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 5Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 6Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 7Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 8Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPL DS90A_3
3 Version 1.4 | 2021-06-30
Characteristics
I
F = 40 A; tp = 100 ns; TA = 25 °C; D = 0.1 %
Parameter
Symbol
Values
Number of emitters
n
3
Spectral bandwidth (FWHM)
∆λ
typ.
7 nm
Standard pulse center wavelength 2)
I
F = 5.2 A; tp = 1 µs; D = 0.1 %
λ
pulse
min.
typ.
max.
894 nm
904 nm
914 nm
Peak output power 3)1)
P
opt
min.
typ.
max.
105 W
125 W
145 W
Beam divergence (FWHM) parallel to pn-junction
Θ
‖
typ.
10 °
Beam divergence (FWHM) perpendicular to pn-junction
Θ
┴
typ.
25 °
Distance between emitters (peak to peak intensity)
(Vertical stacked)
typ.
4.2 µm
Differential efficiency 1)
I
F = 3 - 10 A
η
typ.
3.6 W / A
Threshold current
I
th
typ.
0.6 A
Forward voltage
(bare die)
V
F
typ.
10 V
Aperture size
w x h
typ.
220 X 10 µm²
TE polarization
TE/(TE+TM), (depends strongly on chip mounting quality)
P
TE
typ.
99 %
For safety-related applications, 100% final testing needed after assembly at operation conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com